Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDB8442 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDB8442
Description  N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8442 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FDB8442 Datasheet HTML 1Page - Fairchild Semiconductor FDB8442 Datasheet HTML 2Page - Fairchild Semiconductor FDB8442 Datasheet HTML 3Page - Fairchild Semiconductor FDB8442 Datasheet HTML 4Page - Fairchild Semiconductor FDB8442 Datasheet HTML 5Page - Fairchild Semiconductor FDB8442 Datasheet HTML 6Page - Fairchild Semiconductor FDB8442 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDB8442 Rev. A
www.fairchildsemi.com
6
Figure 11.
-80
-40
0
40
80
120
160
200
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
TJ, JUNCTION TEMPERATURE(oC)
VGS = VDS
ID = 250µA
Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
TJ, JUNCTION TEMPERATURE (oC)
ID = 250µA
Figure 13.
0.1
1
10
100
1000
10000
Ciss
Coss
Crss
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
50
40000
Capacitance vs Drain to Source
Voltage
Figure 14.
0
50
100
150
200
0
2
4
6
8
10
VDD = 20V
VDD = 25V
VDD = 15V
ID = 80A
Qg, GATE CHARGE(nC)
Gate Charge vs Gate to Source Voltage
Typical Characteristics


Numéro de pièce similaire - FDB8442

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDB8442 ISC-FDB8442 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8442_F085 FAIRCHILD-FDB8442_F085 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Description similaire - FDB8442

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com