Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDB8442 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDB8442
Description  N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8442 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDB8442 Datasheet HTML 1Page - Fairchild Semiconductor FDB8442 Datasheet HTML 2Page - Fairchild Semiconductor FDB8442 Datasheet HTML 3Page - Fairchild Semiconductor FDB8442 Datasheet HTML 4Page - Fairchild Semiconductor FDB8442 Datasheet HTML 5Page - Fairchild Semiconductor FDB8442 Datasheet HTML 6Page - Fairchild Semiconductor FDB8442 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDB8442 Rev. A
www.fairchildsemi.com
3
Electrical Characteristics T
J = 25°C unless otherwise noted
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
t(on)
Turn-On Time
VDD = 20V, ID = 80A
VGS = 10V, RGS = 2Ω
--
62
ns
td(on)
Turn-On Delay Time
-
19.5
-
ns
tr
Turn-On Rise Time
-
19.3
-
ns
td(off)
Turn-Off Delay Time
-
57
-
ns
tf
Turn-Off Fall Time
-
17.2
-
ns
toff
Turn-Off Time
-
-
118
ns
VSD
Source to Drain Diode Voltage
ISD = 80A
-
0.9
1.25
V
ISD = 40A
-
0.8
1.0
V
trr
Reverse Recovery Time
IF = 75A, di/dt = 100A/µs
-
49
64
ns
Qrr
Reverse Recovery Charge
IF = 75A, di/dt = 100A/µs
-
70
91
nC
Notes:
1: Starting TJ = 25oC, L = 0.35mH, IAS = 64A
2: Pulse width = 100s.
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For
a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.


Numéro de pièce similaire - FDB8442

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDB8442 ISC-FDB8442 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8442_F085 FAIRCHILD-FDB8442_F085 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Description similaire - FDB8442

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com