Moteur de recherche de fiches techniques de composants électroniques |
|
74AUP1G57GF Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
74AUP1G57GF Fiches technique(HTML) 7 Page - NXP Semiconductors |
7 / 22 page 74AUP1G57_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Preliminary data sheet Rev. 01.00 — 16 January 2006 7 of 22 Philips Semiconductors 74AUP1G57 Low power configurable multiple function gate 11. Static characteristics Table 9: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb = 25 °C VOH HIGH-state output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.1 - - V IO = −1.1 mA; VCC = 1.1 V 0.75 × V CC -- V IO = −1.7 mA; VCC = 1.4 V 1.11 - - V IO = −1.9 mA; VCC = 1.65 V 1.32 - - V IO = −2.3 mA; VCC = 2.3 V 2.05 - - V IO = −3.1 mA; VCC = 2.3 V 1.9 - - V IO = −2.7 mA; VCC = 3.0 V 2.72 - - V IO = −4.0 mA; VCC = 3.0 V 2.6 - - V VOL LOW-state output voltage VI = VIH or VIL IO = 20 µA; VCC = 0.8 V to 3.6 V - - 0.1 V IO = 1.1 mA; VCC = 1.1 V - - 0.3 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.31 V IO = 1.9 mA; VCC = 1.65 V - - 0.31 V IO = 2.3 mA; VCC = 2.3 V - - 0.31 V IO = 3.1 mA; VCC = 2.3 V - - 0.44 V IO = 2.7 mA; VCC = 3.0 V - - 0.31 V IO = 4.0 mA; VCC = 3.0 V - - 0.44 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.1 µA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.2 µA ∆IOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V -- ±0.2 µA ICC quiescent supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V - - 0.5 µA ∆ICC additional quiescent supply current VI = VCC − 0.6 V; IO = 0 A; VCC = 3.3 V -- 40 µA CI input capacitance VI = GND or VCC; VCC = 0 V to 3.6 V - 1.1 - pF CO output capacitance VO = GND; VCC = 0 V - 1.7 - pF Tamb = −40 °C to +85 °C VOH HIGH-state output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.1 - - V IO = −1.1 mA; VCC = 1.1 V 0.7 × VCC -- V IO = −1.7 mA; VCC = 1.4 V 1.03 - - V IO = −1.9 mA; VCC = 1.65 V 1.30 - - V IO = −2.3 mA; VCC = 2.3 V 1.97 - - V IO = −3.1 mA; VCC = 2.3 V 1.85 - - V IO = −2.7 mA; VCC = 3.0 V 2.67 - - V IO = −4.0 mA; VCC = 3.0 V 2.55 - - V |
Numéro de pièce similaire - 74AUP1G57GF |
|
Description similaire - 74AUP1G57GF |