Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2566-1 Fiches technique(PDF) 14 Page - California Eastern Labs

No de pièce PS2566-1
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-1 Fiches technique(HTML) 14 Page - California Eastern Labs

Back Button PS2566-1 Datasheet HTML 10Page - California Eastern Labs PS2566-1 Datasheet HTML 11Page - California Eastern Labs PS2566-1 Datasheet HTML 12Page - California Eastern Labs PS2566-1 Datasheet HTML 13Page - California Eastern Labs PS2566-1 Datasheet HTML 14Page - California Eastern Labs PS2566-1 Datasheet HTML 15Page - California Eastern Labs PS2566-1 Datasheet HTML 16Page - California Eastern Labs PS2566-1 Datasheet HTML 17Page - California Eastern Labs PS2566-1 Datasheet HTML 18Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
10
10
2
10
3
10
4
10
5
10
6
0.6
0
0.2
0.4
0.8
1.0
1.2
TA = 25
oC
TA = 60
oC
5
10
0.2
0.5
1
2
20
50 100 200
IF = 1 mA,
VCE = 2 V
–20
–15
–10
–5
0
RL = 100
Time (Hr)
LONG TERM CTR DEGRADATION
Frequency f (kHz)
FREQUENCY RESPONSE
IF = 1 mA (TYP.)
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10237EJ02V0DS
14
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn