Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2566-1 Fiches technique(PDF) 12 Page - California Eastern Labs

No de pièce PS2566-1
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-1 Fiches technique(HTML) 12 Page - California Eastern Labs

Back Button PS2566-1 Datasheet HTML 8Page - California Eastern Labs PS2566-1 Datasheet HTML 9Page - California Eastern Labs PS2566-1 Datasheet HTML 10Page - California Eastern Labs PS2566-1 Datasheet HTML 11Page - California Eastern Labs PS2566-1 Datasheet HTML 12Page - California Eastern Labs PS2566-1 Datasheet HTML 13Page - California Eastern Labs PS2566-1 Datasheet HTML 14Page - California Eastern Labs PS2566-1 Datasheet HTML 15Page - California Eastern Labs PS2566-1 Datasheet HTML 16Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
10
1
100
1000
10 000
–50
–25
0
25
50
75
100
0.2
0.5
1
5
10
200
50
0.4
100
0.6
0.8
1.0
1.2
1.4
1.6
10 mA
5 mA
1 mA
0.5 mA
IF = 0.1 mA
0.2 mA
1.5 mW/˚C
1.2 mW/˚C
PS2566-1
PS2566-2,-4
VCE = 2 V
5 V
10 V
24 V
40 V
–1.0
80
–1.5
–40
–80
–60
0
–0.5
0.5
1.5
1.0
0
–20
40
20
60
0.5
0.1
1
5
10
50
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0˚C
–25˚C
–55˚C
+60˚C
+25˚C
TA = +100˚C
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
150
100
50
025
50
75
100
125
150
2 mW/˚C
1.6 mW/˚C
200
PS2566-2,-4
PS2566-1
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10237EJ02V0DS
12
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn