Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2566-1 Fiches technique(PDF) 11 Page - California Eastern Labs

No de pièce PS2566-1
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566-1 Fiches technique(HTML) 11 Page - California Eastern Labs

Back Button PS2566-1 Datasheet HTML 7Page - California Eastern Labs PS2566-1 Datasheet HTML 8Page - California Eastern Labs PS2566-1 Datasheet HTML 9Page - California Eastern Labs PS2566-1 Datasheet HTML 10Page - California Eastern Labs PS2566-1 Datasheet HTML 11Page - California Eastern Labs PS2566-1 Datasheet HTML 12Page - California Eastern Labs PS2566-1 Datasheet HTML 13Page - California Eastern Labs PS2566-1 Datasheet HTML 14Page - California Eastern Labs PS2566-1 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = ±10 mA
1.17
1.4
V
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
100
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 40 V, IF = 0 mA
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = ±1 mA, VCE = 2 V
200
2 000
%
CTR Ratio
*1
CTR1/
CTR2
IF = 1 mA, VCE = 2 V
0.3
1.0
3.0
Collector Saturation
Voltage
VCE (sat)
IF = ±1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 10 mA, RL = 100
100
µs
Fall Time
*2
tf
100
*1 CTR1 = IC1/IF1, CTR2 = IC2/IF2
IF1
IF2
IC1
IC2
VCE
*2 Test circuit for switching time
VCC
VOUT
RL = 100
50
IF
Pulse Input
PW = 1 ms
Duty Cycle = 1/10
Data Sheet PN10237EJ02V0DS
11
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn