Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLUS173-10 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce PLUS173-10
Description  Programmable logic array (22 x 42 x 10)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS173-10 Fiches technique(HTML) 4 Page - NXP Semiconductors

  PLUS173-10 Datasheet HTML 1Page - NXP Semiconductors PLUS173-10 Datasheet HTML 2Page - NXP Semiconductors PLUS173-10 Datasheet HTML 3Page - NXP Semiconductors PLUS173-10 Datasheet HTML 4Page - NXP Semiconductors PLUS173-10 Datasheet HTML 5Page - NXP Semiconductors PLUS173-10 Datasheet HTML 6Page - NXP Semiconductors PLUS173-10 Datasheet HTML 7Page - NXP Semiconductors PLUS173-10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS173–10
Programmable logic array
(22
× 42 × 10)
October 22, 1993
44
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75 ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
Input voltage2
VIL
Low
VCC = MIN
0.8
V
VIH
High
VCC = MAX
2.0
V
VIC
Clamp
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage2
VCC = MIN
VOL
Low4
IOL = 15mA
0.4
0.5
V
VOH
High5
IOH = –2mA
2.4
2.9
V
Input current9
VCC = MAX
IIL
Low
VIN = 0.45V
–20
–100
µA
IIH
High
VIN = VCC
1
40
µA
Output current
VCC = MAX
IO(OFF)
Hi-Z state8
VOUT = 2.7V
0
80
µA
VOUT = 0.45V
–15
–140
IOS
Short circuit3, 5, 6
VOUT = 0V
–15
–30
–70
mA
ICC
VCC supply current7
VCC = MAX
170
210
mA
Capacitance
VCC = 5V
IIN
Input
VIN = 2.0V
8
pF
CB
I/O
VB = 2.0V
15
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one at a time.
4. Measured with inputs I0 – I4 = 0V, inputs I5 – I9 = 4.5V, I11 = 4.5V and I10 = 10V. For outputs B0 – B4 and for outputs B5 – B9 apply the
same conditions except I11 = 0V.
5. Same conditions as Note 4 except input I11 = +10V.
6. Duration of short circuit should not exceed 1 second.
7. ICC is measured with inputs I0 – I11 and B0 – B9 = 0V. Part in Virgin State.
8. Leakage values are a combination of input and output leakage.
9. IIL and IIH limits are for dedicated inputs only (I0 – I11).


Numéro de pièce similaire - PLUS173-10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS17310A PHILIPS-PLUS17310A Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS17310N PHILIPS-PLUS17310N Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS173BA PHILIPS-PLUS173BA Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
More results

Description similaire - PLUS173-10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
N82S153A PHILIPS-N82S153A Datasheet
638Kb / 12P
   Field Programmable logic array(18 X 42 X 10)
May 23 1991
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
logo
Texas Instruments
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-10C TI-TIBPAL22V10-10C Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
logo
NXP Semiconductors
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8