Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM810SENB713 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce TCM810SENB713
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM810SENB713 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button TCM810SENB713 Datasheet HTML 4Page - Microchip Technology TCM810SENB713 Datasheet HTML 5Page - Microchip Technology TCM810SENB713 Datasheet HTML 6Page - Microchip Technology TCM810SENB713 Datasheet HTML 7Page - Microchip Technology TCM810SENB713 Datasheet HTML 8Page - Microchip Technology TCM810SENB713 Datasheet HTML 9Page - Microchip Technology TCM810SENB713 Datasheet HTML 10Page - Microchip Technology TCM810SENB713 Datasheet HTML 11Page - Microchip Technology TCM810SENB713 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TCM809/TCM810
DS21661C-page 8
 2004 Microchip Technology Inc.
3-Lead Plastic Small Outline Transistor (NB) (SOT-23)
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.51
0.44
0.37
.020
.017
.015
B
Lead Width
0.18
0.14
0.09
.007
.006
.004
c
Lead Thickness
10
5
0
10
5
0
φ
Foot Angle
0.55
0.45
0.35
.022
.018
.014
L
Foot Length
3.04
2.92
2.80
.120
.115
.110
D
Overall Length
1.40
1.30
1.20
.055
.051
.047
E1
Molded Package Width
2.64
2.37
2.10
.104
.093
.083
E
Overall Width
0.10
0.06
0.01
.004
.002
.000
A1
Standoff
§
1.02
0.95
0.88
.040
.037
.035
A2
Molded Package Thickness
1.12
1.01
0.89
.044
.040
.035
A
Overall Height
1.92
.076
p1
Outside lead pitch (basic)
0.96
.038
p
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
p
D
B
n
E
E1
L
c
β
φ
α
A2
A
A1
p1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: TO-236
Drawing No. C04-104
§ Significant Characteristic


Numéro de pièce similaire - TCM810SENB713

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TCM810SENB TELCOM-TCM810SENB Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
More results

Description similaire - TCM810SENB713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com