Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM809JENB713 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TCM809JENB713
Description  3-Pin Microcontroller Reset Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM809JENB713 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TCM809JENB713 Datasheet HTML 5Page - Microchip Technology TCM809JENB713 Datasheet HTML 6Page - Microchip Technology TCM809JENB713 Datasheet HTML 7Page - Microchip Technology TCM809JENB713 Datasheet HTML 8Page - Microchip Technology TCM809JENB713 Datasheet HTML 9Page - Microchip Technology TCM809JENB713 Datasheet HTML 10Page - Microchip Technology TCM809JENB713 Datasheet HTML 11Page - Microchip Technology TCM809JENB713 Datasheet HTML 12Page - Microchip Technology TCM809JENB713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2004 Microchip Technology Inc.
DS21661C-page 9
TCM809/TCM810
3-Lead Plastic Small Outline Transistor (LB) (SC-70)
12˚
12˚
b
Mold Draft Angle Bottom
12˚
12˚
a
Mold Draft Angle Top
0.40
0.15
.016
.006
B
Lead Width
0.25
0.08
.010
.003
c
Lead Thickness
0.41
0.10
.016
.004
L
Foot Length
2.25
1.80
.089
.071
D
Overall Length
1.35
1.15
.053
.045
E1
Molded Package Width
2.40
1.80
.094
.071
E
Overall Width
.010
0.00
.0004
.000
A1
Standoff
1.00
0.80
.039
.031
A2
Molded Package Thickness
1.10
0.80
.043
.031
A
Overall Height
1.30 BSC.
p1
Outside lead pitch (basic)
0.65 BSC.
p
Pitch
3
3
Number of Pins
MAX
MIN
MAX
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
shall not exceed .005" (0.127mm) per side.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions
Notes:
JEITA (EIAJ) Equivalent: SC70
Drawing No. C04-104
*Controlling Parameter
L
B
E1
E
p
c
p1
D
1
2
3
b
a
A
A2
A1
.026 BSC.
.051 BSC.


Numéro de pièce similaire - TCM809JENB713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TCM809JEN MICROCHIP-TCM809JEN Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
More results

Description similaire - TCM809JENB713

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com