Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCD5704PWG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCD5704PWG4
Description  Rambus TM XDR TM CLOCK GENERATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704PWG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CDCD5704PWG4 Datasheet HTML 5Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 6Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 7Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 8Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 9Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 10Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 11Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 12Page - Texas Instruments CDCD5704PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
RECOMMENDED AC OPERATING CONDITIONS
DEVICE CHARACTERISTICS
CDCD5704
SCAS823 – DECEMBER 2006
MIN
NOM
MAX
UNIT
tCYCLE,IN
REFCLK/REFCLKB input cycle time
7
11
ns
tCYC,TEST REFCLK/REFCLKB input cycle time for BYPASS
4
40
ns
tJ,IN
Input |cycle-to-cycle| jitter(1)
185
ps
DCIN
Input duty cycle over 10,000 cycles(2)
40%
60%
tr/tf
Rise and fall time for REFCLK signal from 20% to 80% of input voltage VIN
175
700
ps
tcr/tcf
Difference between rise time and fall time of REFCLK signal from 20% to 80%
150
ps
fm,IN
SSC frequency modulation repeat frequency(3)
30
33
kHz
Pm tria
Modulation index (= frequency deviation/center frequency) for triangle modulation(3)
0.6%
Pm n tria
Modulation index (= frequency deviation/center frequency) for non-triangle modulation(4)
0.5%
tSR
Input slew rate REFCLK/REFCLKB
1
4
V/ns
SERIAL INTERFACE TIMING
fSCLK
SCLK frequency(5)
0
100
kHz
th(START)
START hold time(5)
4
µs
tw(SCLL)
SCLK low-pulse duration(5)
4.7
µs
tw(SCLH)
SCLK high-pulse duration(5)
4
µs
tsu(START) START setup time(5)
4.7
µs
th(SDATA)
SDATA hold time(5)
300
ps
tsu(SDATA) SDATA setup time(5)
250
ps
tr(SDATA)/
SDATA/SCLK input rise time(5)
1000
ns
tr(SM)
tf(SDATA)/
SDATA/SCLK input fall time(5)
300
ns
tf(SM)
tsu(STOP)
STOP setup time(5)
4
µs
t(BUS)
Bus free time
4.7
µs
(1)
RefCLK jitter is measured at (VIH(nom) – VIL(nom))/2 and is the absolute value of the worst-case deviation.
(2)
Measured at crossing points for differential clock input or at input threshold voltage VTH for single-ended clock input.
(3)
If input modulation is used; input modulation is allowed but not required.
(4)
The amount of allowed spreading for any non-triangular modulation is determined by the induced downstream tracking skew, which
cannot exceed the skew generated by the specified 0.6% triangular modulation. Typically, the amount of allowed non-triangular
modulation is about 0.5%.
(5)
See Figure 1 for the timing behavior of the serial interface.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERALL PARAMETER
At 300 MHz and 2.625 V
70
85
IDD
Supply current (= IVDD + IVDDP + IVDDC)
mA
At 667 MHz and 2.625 V
90
115
Supply voltage threshold for power-up control
Over complete supply voltage
VPUC
1.1
1.8
2.2
V
circuit
range
DC DEVICE CHARACTERISTICS
VOX
Differential output crossing-point voltage(1)
Output load; see Figure 3.
0.9
1
1.1
V
VCOS
Output voltage swing (p-p, single-ended)(2)
0.3
0.325
0.35
V
VOL,ABS
Absolute output low voltage(3)
0.85
V
Reference voltage for swing control current
VDD = 2.375 V to 2.625 V, T = 0°C
VISET
0.98
1
1.02
V
IREF(4)
to 70
°C
(1)
VOX is measured on external divider as shown in Figure 3.
(2)
VCOS = (clock output high voltage – clock output low voltage), at the measurement points shown in Figure 3, excluding overshoot and
undershoot.
(3)
VOL,ABS is measured at the clock output of the package, instead of the measurement points of Figure 3.
(4)
IREF is equal to VISET/RRC. Tolerance of RRC must be ±1% or smaller.
9
Submit Documentation Feedback


Numéro de pièce similaire - CDCD5704PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCD5704PWG4 TI-CDCD5704PWG4 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
More results

Description similaire - CDCD5704PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
logo
Samsung semiconductor
K4Y50164UC SAMSUNG-K4Y50164UC Datasheet
3Mb / 76P
   512Mbit XDR TM DRAM(C-die)
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com