Moteur de recherche de fiches techniques de composants électroniques |
|
LC4512C-5T176I Fiches technique(PDF) 3 Page - Lattice Semiconductor |
|
LC4512C-5T176I Fiches technique(HTML) 3 Page - Lattice Semiconductor |
3 / 74 page Lattice Semiconductor ispMACH 4000V/B/C/Z Family Data Sheet 3 Figure 1. Functional Block Diagram The I/Os in the ispMACH 4000 are split into two banks. Each bank has a separate I/O power supply. Inputs can support a variety of standards independent of the chip or bank power supply. Outputs support the standards com- patible with the power supply provided to the bank. Support for a variety of standards helps designers implement designs in mixed voltage environments. In addition, 5V tolerant inputs are specified within an I/O bank that is con- nected to VCCO of 3.0V to 3.6V for LVCMOS 3.3, LVTTL and PCI interfaces. ispMACH 4000 Architecture There are a total of two GLBs in the ispMACH 4032, increasing to 32 GLBs in the ispMACH 4512. Each GLB has 36 inputs. All GLB inputs come from the GRP and all outputs from the GLB are brought back into the GRP to be connected to the inputs of any other GLB on the device. Even if feedback signals return to the same GLB, they still must go through the GRP. This mechanism ensures that GLBs communicate with each other with consistent and predictable delays. The outputs from the GLB are also sent to the ORP. The ORP then sends them to the associ- ated I/O cells in the I/O block. Generic Logic Block The ispMACH 4000 GLB consists of a programmable AND array, logic allocator, 16 macrocells and a GLB clock generator. Macrocells are decoupled from the product terms through the logic allocator and the I/O pins are decou- pled from macrocells through the ORP. Figure 2 illustrates the GLB. I/O Block ORP ORP 16 16 36 Generic Logic Block Generic Logic Block I/O Block ORP ORP 16 36 Generic Logic Block Generic Logic Block I/O Block I/O Block 36 36 16 16 16 16 16 |
Numéro de pièce similaire - LC4512C-5T176I |
|
Description similaire - LC4512C-5T176I |