Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC4064B-5T100C Fiches technique(PDF) 63 Page - Lattice Semiconductor

No de pièce LC4064B-5T100C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4064B-5T100C Fiches technique(HTML) 63 Page - Lattice Semiconductor

Back Button LC4064B-5T100C Datasheet HTML 59Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 60Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 61Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 62Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 63Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 64Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 65Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 66Page - Lattice Semiconductor LC4064B-5T100C Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
63
A10
1
P10
P^5
P5
P^5
HX10
HX^5
PX10
PX^5
A9
1
P8
P^4
P4
P^4
HX8
HX^4
PX8
PX^4
F9
1
P6
P^3
P3
P^3
HX6
HX^3
PX6
PX^3
B9
1
P4
P^2
P2
P^2
HX4
HX^2
PX4
PX^2
E9
1
P2/GOE1
P^1
P1/GOE1
P^1
HX2/GOE1
HX^1
PX2/GOE1
PX^1
C9
1
P0
P^0
P0
P^0
HX0
HX^0
PX0
PX^0
--
GND
-
GND
GND
-
GND
-
D9
1
CLK3/I
-
CLK3/I
-
CLK3/I
-
CLK3/I
-
-
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
B8
0
CLK0/I
-
CLK0/I
-
CLK0/I
-
CLK0/I
-
--
VCC
-
VCC
-
VCC
-
VCC
-
D8
0
A0
A^0
A0
A^0
A0
A^0
A0
A^0
C8
0
A2/GOE0
A^1
A1/GOE0
A^1
A2/GOE0
A^1
A2/GOE0
A^1
A8
0
A4
A^2
A2
A^2
A4
A^2
A4
A^2
A7
0
A6
A^3
A3
A^3
A6
A^3
A6
A^3
B7
0
A8
A^4
A4
A^4
A8
A^4
A8
A^4
E8
0
A10
A^5
A5
A^5
A10
A^5
A10
A^5
D7
0
A12
A^6
A6
A^6
A12
A^6
A12
A^6
F8
0
A14
A^7
A7
A^7
A14
A^7
A14
A^7
C7
0
NC
-
A8
A^8
F14
F^7
D0
D^0
A6
0
NC
-
A9
A^9
F12
F^6
D4
D^2
B6
0
NC
-
NC
-
D14
D^7
E0
E^0
A5
0
NC
-
NC
-
D12
D^6
E4
E^2
B5
0
NC-NC-NC-
E8
E^4
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
-
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
D5
0
NC-NC-NC-
E12
E^6
A4
0
NC
-
B0
B^0
F10
F^5
D8
D^4
E7
0
NC
-
B1
B^1
F8
F^4
D12
D^6
A3
0
B0
B^0
B2
B^2
B0
B^0
B0
B^0
F7
0
B2
B^1
B3
B^3
B2
B^1
B2
B^1
B4
0
B4
B^2
B4
B^4
B4
B^2
B4
B^2
C5
0
B6
B^3
B5
B^5
B6
B^3
B6
B^3
A2
0
B8
B^4
B6
B^6
B8
B^4
B8
B^4
E6
0
B10
B^5
B7
B^7
B10
B^5
B10
B^5
B3
0
B12
B^6
B8
B^8
B12
B^6
B12
B^6
C4
0
B14
B^7
B9
B^9
B14
B^7
B14
B^7
D4
0
NC
-
NC
-
D10
D^5
F0
F^0
E5
0
NC
-
NC
-
D8
D^4
F2
F^1
--
VCC
-
VCC
-
VCC
-
VCC
-
--
----
GND
-
GND
-
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Numéro de pièce similaire - LC4064B-5T100C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4064B-5T100C LATTICE-LC4064B-5T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Description similaire - LC4064B-5T100C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com