Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC54HC02A Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC54HC02A
Description  QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC02A Fiches technique(HTML) 1 Page - Motorola, Inc

  MC54HC02A Datasheet HTML 1Page - Motorola, Inc MC54HC02A Datasheet HTML 2Page - Motorola, Inc MC54HC02A Datasheet HTML 3Page - Motorola, Inc MC54HC02A Datasheet HTML 4Page - Motorola, Inc MC54HC02A Datasheet HTML 5Page - Motorola, Inc MC54HC02A Datasheet HTML 6Page - Motorola, Inc MC54HC02A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 7
© Motorola, Inc. 1995
10/95
Quad 2-Input NOR Gate
High–Performance Silicon–Gate CMOS
The MC54/74HC02A is identical in pinout to the LS02. The device inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 40 FETs or 10 Equivalent Gates
LOGIC DIAGRAM
1
Y1
2
A1
PIN 14 = VCC
PIN 7 = GND
3
B1
Y4
Y = A + B
4
Y2
5
A2
6
B2
10
Y3
8
A3
9
B3
13
11
A4
12
B4
MC54/74HC02A
FUNCTION TABLE
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y3
A4
B4
Y4
VCC
A3
B3
Y2
B1
A1
Y1
GND
B2
A2
A
L
L
H
H
Inputs
Output
B
L
H
L
H
Y
H
L
L
L
D SUFFIX
SOIC PACKAGE
CASE 751A–03
N SUFFIX
PLASTIC PACKAGE
CASE 646–06
ORDERING INFORMATION
MC54HCXXAJ
MC74HCXXAN
MC74HCXXAD
MC74HCXXADT
Ceramic
Plastic
SOIC
TSSOP
1
14
1
14
1
14
DT SUFFIX
TSSOP PACKAGE
CASE 948G–01
J SUFFIX
CERAMIC PACKAGE
CASE 632–08
1
14


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IN74AC132 Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
MC74VQ02 LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE 1  2  3  4  5  More Motorola, Inc
MC74HC4075 TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS 1  2  3  4  Motorola, Inc
MC74HC30 8-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Motorola, Inc
MC74HC147 Decimal-to-BCD Encoder High-Performance Silicon-Gate CMOS 1  2  3  4  5  Motorola, Inc
MC54HC154 1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS 1  2  3  4  5  More Motorola, Inc
TC74HC08AP QUAD 2-INPUT AND GATE 1  2  3  4  5  More Toshiba Semiconductor
74VHC32 Quad 2-Input OR Gate 1  2  3  4  5  More Fairchild Semiconductor
MC54F32 QUAD 2-INPUT OR GATE 1  2  Motorola, Inc
54F00 Quad 2-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn