Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2694SDX Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2694SDX
Description  30V, 600 mA Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694SDX Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM2694SDX Datasheet HTML 1Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 2Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 3Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 4Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 5Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 6Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 7Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 8Page - National Semiconductor (TI) LM2694SDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics Specifications with standard type are for T
J = 25˚C only; limits in boldface type
apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 24V, RON = 200k
Ω. See (Note
5). (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FB bias current
1
nA
Thermal Shutdown
T
SD
Thermal shutdown
temperature
175
˚C
Thermal shutdown hysteresis
20
˚C
Thermal Resistance
θ
JA
Junction to Ambient
0 LFPM Air Flow
LLP Package
33
˚C/W
TSSOP Package
40
θ
JC
Junction to Case
LLP Package
8.8
˚C/W
TSSOP Package
5.2
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading
Note 4: For detailed information on soldering plastic TSSOP and LLP packages, refer to the Packaging Data Book available from National Semiconductor
Corporation.
Note 5: Typical specifications represent the most likely parametric norm at 25˚C operation.
www.national.com
5


Numéro de pièce similaire - LM2694SDX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2694SD/NOPB TI-LM2694SD/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
More results

Description similaire - LM2694SDX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com