Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU2522DX Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BU2522DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522DX Fiches technique(HTML) 4 Page - NXP Semiconductors

  BU2522DX Datasheet HTML 1Page - NXP Semiconductors BU2522DX Datasheet HTML 2Page - NXP Semiconductors BU2522DX Datasheet HTML 3Page - NXP Semiconductors BU2522DX Datasheet HTML 4Page - NXP Semiconductors BU2522DX Datasheet HTML 5Page - NXP Semiconductors BU2522DX Datasheet HTML 6Page - NXP Semiconductors BU2522DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DX
Fig.7. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
Fig.8. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.9. Typical collector-emitter saturation voltage.
V
CEsat = f (IB); parameter IC
Fig.10. Typical turn-off losses. T
j = 85˚C
Poff = f (I
B); parameter IC; f = 64 kHz
Fig.11. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); parameter IC; Tj = 85˚C; f = 64 kHz
Fig.12. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Ths)
0.1
10
IC / A
VCESAT / V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100
1
Tj = 25 C
Tj = 125 C
IC/IB =
4
5
3
0
0.2
0.4 0.6
0.8
1
1.2 1.4
1.6
1.8
2
IB / A
Poff / W
BU2522AF
100
10
1
IC =
6A
5A
0
1
2
3
4
IB / A
VBESAT / V
1.2
1.1
1.0
0.9
0.8
0.7
0.6
Tj = 25 C
Tj = 125 C
IC=
8 A
6 A
5 A
4 A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IB / A
ts, tf / us
BU2522AF
4
3.5
3
2.5
2
1.5
1
0.5
0
IC =
6A
5A
0.1
1
10
IB / A
VCESAT / V
10
1
0.1
Tj = 25 C
Tj = 125 C
IC = 4 A
5 A
6 A
8 A
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
September 1997
4
Rev 1.200


Numéro de pièce similaire - BU2522DX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BU2522DF PHILIPS-BU2522DF Datasheet
78Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
logo
Inchange Semiconductor ...
BU2522DF ISC-BU2522DF Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
BU2522DF ETC2-BU2522DF Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - BU2522DX

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com