Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL40R-P-11M Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce DL40R-P-11M
Description  MINI THROUGH BEAM SENSOR with separate amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DL40R-P-11M Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  DL40R-P-11M Datasheet HTML 1Page - List of Unclassifed Manufacturers DL40R-P-11M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02
·
long range
·
high excess gain
·
different ways of installation
·
highly flexible connecting cable
·
robust design
MINI THROUGH BEAM SENSOR
with separate amplifier
THROUGH BEAM SENSOR
DL40 • DLM50 • DLV60
SMALLEST OBJECT and SENSING DISTANCE
sensing distance
1000 mm
smallest object
(Ø copper wire)*
0,3 mm
GENERAL TECHNICAL DATA
light type
Red 660nm or Infrared 880nm
connection type
PUR-cable with connector
temperature range
-10°C to +55°C
protection class
IP 65
Ø 4 mm x 11 mm
Stainless steel
f. gluing a. clamping fixture
Actual size
M5 x 0,5 mm x 11 mm
Nickel-plated brass
f. screw-in fixture
Actual size
DL40
DLM50
6 mm x 6 mm x 12 mm
Nickel-plated brass
f. screw-in fixture
Actual size
DLV60
*copper wire of infinite length
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
e-mail: tope@ms1.hinet.net
http://www.sensor.com.tw


Numéro de pièce similaire - DL40R-P-11M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DL400 ETC-DL400 Datasheet
100Kb / 6P
   VME Basismodul
logo
SHENZHEN YONGERJIA INDU...
DL4001 WINNERJOIN-DL4001 Datasheet
174Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diodes Incorporated
DL4001 DIODES-DL4001 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16001 Rev. D-2
logo
Microdiode Electronics ...
DL4001 CHENDA-DL4001 Datasheet
794Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Description similaire - DL40R-P-11M

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
SICK AG
WSWE2F-F110 SICK-WSWE2F-F110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-N110 SICK-WSWE2F-N110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P210 SICK-WSWE2F-P210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3230 SICK-WSE2S-2P3230 Datasheet
690Kb / 6P
   Through-beam photoelectric sensor
WSE8-N2231 SICK-WSE8-N2231 Datasheet
499Kb / 4P
   Through-beam photoelectric sensor
WSE9-3P1130 SICK-WSE9-3P1130 Datasheet
881Kb / 7P
   Through-beam photoelectric sensor
WE100-2N3439 SICK-WE100-2N3439 Datasheet
814Kb / 7P
   Through-beam photoelectric sensor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com