Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC4511PWR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC4511PWR
Description  BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4511PWR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD74HC4511PWR Datasheet HTML 3Page - Texas Instruments CD74HC4511PWR Datasheet HTML 4Page - Texas Instruments CD74HC4511PWR Datasheet HTML 5Page - Texas Instruments CD74HC4511PWR Datasheet HTML 6Page - Texas Instruments CD74HC4511PWR Datasheet HTML 7Page - Texas Instruments CD74HC4511PWR Datasheet HTML 8Page - Texas Instruments CD74HC4511PWR Datasheet HTML 9Page - Texas Instruments CD74HC4511PWR Datasheet HTML 10Page - Texas Instruments CD74HC4511PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
’HC4511
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
300
450
375
Dn
Output
CL = 50 pF
4.5 V
60
90
75
Dn
Output
CL = 50 pF
6 V
51
77
64
CL = 15 pF
5 V
25
2 V
270
405
340
LE
Output
CL = 50 pF
4.5 V
54
81
68
LE
Output
CL = 50 pF
6 V
46
69
58
tpd
CL = 15 pF
5 V
23
ns
tpd
2 V
220
330
275
ns
BL
Output
CL = 50 pF
4.5 V
44
66
55
BL
Output
CL = 50 pF
6 V
37
56
47
CL = 15 pF
5 V
18
2 V
160
240
200
LT
Output
CL = 50 pF
4.5 V
32
48
40
LT
Output
CL = 50 pF
6 V
27
41
34
CL = 15 pF
5 V
13
2 V
75
110
95
tt
Any
CL = 50 pF
4.5 V
15
22
19
ns
tt
Any
CL = 50 pF
6 V
13
19
16
ns


Numéro de pièce similaire - CD74HC4511PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4511PWR TI1-CD74HC4511PWR Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
CD74HC4511PWRE4 TI1-CD74HC4511PWRE4 Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
CD74HC4511PWRG4 TI1-CD74HC4511PWRG4 Datasheet
834Kb / 22P
[Old version datasheet]   BCD-TO-7 Segment
More results

Description similaire - CD74HC4511PWR

FabricantNo de pièceFiches techniqueDescription
logo
IK Semicon Co., Ltd
IW4511B IKSEMICON-IW4511B Datasheet
198Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Texas Instruments
CD4511B TI-CD4511B Datasheet
253Kb / 6P
[Old version datasheet]   CMOS BCD-TO-7-SEGMENT LATCH DECODER DRIVERS
logo
KODENSHI_AUK CORP.
KK4511B KODENSHI-KK4511B Datasheet
324Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
logo
Texas Instruments
CD4511B TI1-CD4511B_17 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7-Segment Latch Decoder Drivers
CD4511BF TI-CD4511BF Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7 Segment Latch Decoder Drivers
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com