Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD09MUP2 Fiches technique(PDF) 3 Page - Mitsubishi Electric Semiconductor

No de pièce RD09MUP2
Description  Silicon MOSFET Power Transistor, 520MHz, 8W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD09MUP2 Fiches technique(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD09MUP2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD09MUP2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI RF POWER MOS FET
RD09MUP2
RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2
MITSUBISHI ELECTRIC
1st Jun. 2006
3/7
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS @f=520MHz
0
10
20
30
40
0
5
10
15
20
25
30
35
Pin(dBm)
0
20
40
60
80
Ta=+25°C
f=520MHz
Vdd=7.2V
Idq=1.0A
Po
ηd
Idd
Gp
Pin-Po CHARACTERISTICS @f=520MHz
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
Pin(W)
0
10
20
30
40
50
60
70
80
Po
ηd
Idd
Ta=25°C
f=520MHz
Vdd=7.2V
Idq=1.0A
Vdd-Po CHARACTERISTICS @f=520MHz
0
5
10
15
20
468
10
12
Vdd(V)
0
3
5
8
10
Po
Idd
Ta=25°C
f=520MHz
Pin=1.0W
Idq=1.0A
Zg=ZI=50 ohm


Numéro de pièce similaire - RD09MUP2

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
More results

Description similaire - RD09MUP2

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
251Kb / 6P
   Silicon MOSFET Power Transistor 520MHz,1W
RD30HUF1 MITSUBISHI-RD30HUF1_06 Datasheet
404Kb / 7P
   Silicon MOSFET Power Transistor,520MHz,30W
RD30HUF1 MITSUBISHI-RD30HUF1 Datasheet
398Kb / 7P
   Silicon MOSFET Power Transistor,520MHz,30W
RD07MVS1B MITSUBISHI-RD07MVS1B Datasheet
227Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD02MUS1 MITSUBISHI-RD02MUS1 Datasheet
278Kb / 9P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B Datasheet
186Kb / 8P
   Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD07MVS1 MITSUBISHI-RD07MVS1 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_10 Datasheet
219Kb / 10P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com