Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MN88441 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce MN88441
Description  OFDM Demodulation LSI for Digital Terrestrial Broadcasting in Japan
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN88441 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  MN88441 Datasheet HTML 1Page - Panasonic Semiconductor MN88441 Datasheet HTML 2Page - Panasonic Semiconductor MN88441 Datasheet HTML 3Page - Panasonic Semiconductor MN88441 Datasheet HTML 4Page - Panasonic Semiconductor MN88441 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MN88441
3
SDB00109AEM
LSI specifications
Package
3.3 V (LVCMOS)
3.3 V (LVTTL)
64 M-bit, 128 M-bit, 256 M-bit SDRAM (larger than 4 M-word
× 16-
bit)
Compliant with standard I2C bus mode Tuner control with I2C format
Serial (Output from TSP pin with alternative Viterbi decode out or RS
decode out)
Parallel or serial (alternative)
BER measurement output
TSP output
40 MHz
Master clock frequency:
128-pin LQFP ( 18 mm, 0.5 mm pitch)
Output voltage
Input voltage
1.8 V
For internal section:
3.3 V
For external I/F:
Supply voltage
External memory
CPU Interface
4 MHz (Self-excited or clock input alternative)
PLL reference frequency:
Clock
4.063 MHz
Center frequency:
IF Input
1/2, 2/3, 3/4, 5/6, 7/8
Coding rate:
DQPSK, QPSK, 16QAM, 64QAM
Carrier modulation:
1/32, 1/16, 1/8, 1/4
Guard interval duration:
Mode1, Mode2, Mode3
Transmission mode:
Modulation


Html Pages

1  2  3  4  5