Moteur de recherche de fiches techniques de composants électroniques |
|
CS1088XN40 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
CS1088XN40 Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 8 page CS1088 http://onsemi.com 5 AN1 – AN23, AN30, AN31: 2.0 mA VREG POR GRID1 GRID2 GRID3 AN1 AN2 AN3 AN25 AN26 AN27 AN28 AN29 AN30 AN31 VBB GND GREN STB DIN CLK METAL MASK ROM Output Drive Capability Grid Outputs: 50 mA AN24 – AN29: 20 mA DQ LE DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ CLK R DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE DQ LE VREG VREG VREG VREG VREG Figure 2. Block Diagram OPERATION DESCRIPTION Upon the initial application of power, the power on reset function will cause all of the anode and grid driver outputs to be off and all shift register outputs to be set low. Data is fed into the shift register through the DIN pin at the rising edge of the CLK input. Thirty four bits of data are capable of being stored by the shift register. Once the desired pattern is stored in the shift register, it can be transferred to the latch by setting the STB input high. The output of each latch drives its corresponding output stage. A logic high input to the shift register/latch will cause the corresponding output to turn on. A logic low input to the shift register/latch will cause the corresponding output to turn off. Please note that if the STB is held high, the outputs of the latch reflect the outputs of the corresponding shift register bits and will change if data is shifted in. The three GRID outputs are gated by the GREN input. When GREN is low, the GRID outputs are forced low regardless of the state of the corresponding latch output. When GREN is high, the GRID outputs correspond to the state of their respective latch outputs. The anode outputs, AN1 to AN31 are always enabled. |
Numéro de pièce similaire - CS1088XN40 |
|
Description similaire - CS1088XN40 |