Moteur de recherche de fiches techniques de composants électroniques |
|
CS1088 Fiches technique(PDF) 4 Page - ON Semiconductor |
|
CS1088 Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 8 page CS1088 http://onsemi.com 4 PACKAGE LEAD DESCRIPTION Package Lead Number Lead Symbol 40L DIP (31 Anode Configuration) Function 1 GRID1 50 mA grid output. 2 GRID2 50 mA grid output. 3 GRID3 50 mA grid output. 4 AN1 2.0 mA anode output. 5 AN2 2.0 mA anode output. 6 AN3 2.0 mA anode output. 7 AN4 2.0 mA anode output. 8 AN5 2.0 mA anode output. 9 AN6 2.0 mA anode output. 10 AN7 2.0 mA anode output. 11 AN8 2.0 mA anode output. 12 AN9 2.0 mA anode output. 13 AN10 2.0 mA anode output. 14 AN11 2.0 mA anode output. 15 AN12 2.0 mA anode output. 16 AN13 2.0 mA anode output. 17 AN14 2.0 mA anode output. 18 AN15 2.0 mA anode output. 19 AN16 2.0 mA anode output. 20 GND Ground connection. 21 AN17 2.0 mA anode output. 22 AN18 2.0 mA anode output. 23 AN19 2.0 mA anode output. 24 AN20 2.0 mA anode output. 25 AN21 2.0 mA anode output. 26 AN22 2.0 mA anode output. 27 AN23 2.0 mA anode output. 28 AN24 20 mA anode output. 29 AN25 20 mA anode output. 30 AN26 20 mA anode output. 31 AN27 20 mA anode output. 32 AN28 20 mA anode output. 33 AN29 20 mA anode output. 34 AN30 2.0 mA anode output. 35 DIN Shift register data input. 36 CLK Shift register clock input. 37 STB Transfer contents of shift registers to output stages. 38 GREN Grid outputs enable. 39 AN31 2.0 mA anode output. 40 VBB Supply voltage input. |
Numéro de pièce similaire - CS1088 |
|
Description similaire - CS1088 |