Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC702CH Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC702CH
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC702CH Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC702CH Datasheet HTML 4Page - Burr-Brown (TI) DAC702CH Datasheet HTML 5Page - Burr-Brown (TI) DAC702CH Datasheet HTML 6Page - Burr-Brown (TI) DAC702CH Datasheet HTML 7Page - Burr-Brown (TI) DAC702CH Datasheet HTML 8Page - Burr-Brown (TI) DAC702CH Datasheet HTML 9Page - Burr-Brown (TI) DAC702CH Datasheet HTML 10Page - Burr-Brown (TI) DAC702CH Datasheet HTML 11Page - Burr-Brown (TI) DAC702CH Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
®
DAC701, 702, 703
VOLTAGE OUTPUT MODELS
ANALOG OUTPUT
DAC701 UNIPOLAR
DAC703 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
16-BIT
15-BIT
14-BIT
1LSB
(
µV)
153
305
610
305
610
1224
0000H
(V)
+9.99985
+9.99969
+9.99939
+9.99960
+9.99939
+9.99878
FFFFH
(V)
0
0
0
–10.0000
–10.0000
–10.0000
ANALOG OUTPUT MODEL
ANALOG OUTPUT
DAC702 BIPOLAR
DIGITAL INPUT CODE
16-BIT
15-BIT
14-BIT
1LSB
(
µA)
0.031
0.061
0.122
0000H
(mA)
–0.99997
–0.99994
–0.99988
FFFFH
(mA)
+1.00000
+1.00000
+1.00000
TABLE II. Digital Input and Analog Output Relationships.
If the output cannot be sensed at Common or the system
ground point as mentioned above, the differential output
circuit shown in Figure 8 is recommended. In this circuit the
output voltage is sensed at the load common and not at the
D/A converter common as in the previous circuits. The value
of R
6 and R7 must be adjusted for maximum common-mode
rejection at RL. Note that if R3 is negligible, the circuit of
Figure 8 can be reduced to the one shown in Figure 7. Again
the effect of R4 is negligible.
The D/A converter and the wiring to its connectors should be
located to provide optimum isolation from sources of RFI
and EMI. The key concept in elimination of RF radiation or
pickup is loop area; therefore, signal leads and their return
conductors should be kept close together. This reduces the
external magnetic field along with any radiation. Also, if a
single lead and its return conductor are wired close together,
they present a small flux-capture cross section for any
external field. This reduces radiation pickup in the circuit.
FIGURE 7. Preferred External Op Amp Configuration.
FIGURE 8. Differential Sensing Output Op Amp
Configuration.
A
1
R
DAC
DAC702
R
B
Common
I
OUT
R
1
R
L
R
3
Sense Output
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
*
2.45k
R
F
*
R
2
R should be equal to the output impedance at the current output
to compensate for the bias current drift of A . Use standard 10%,
1/4W carbon composition or equivalent resistors.
B
1
DAC702
2.45k
10k
R
DAC
R
B
R
F
*
R
F
A
1
R
DAC
DAC702
R
6
Common
I
OUT
R
1
R
L
R
3
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
2.45k
R
F
*
R
2
DAC702
10k
R
DAC
R
F
*
R
F
R
5
R
7
Sense
Output
+
5
R
7
R=
+
F
R
1
R
R
6 =
DAC
R


Numéro de pièce similaire - DAC702CH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC702CH TI-DAC702CH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - DAC702CH

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com