Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YG123S15 Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce YG123S15
Description  Fast recovery diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YG123S15 Fiches technique(HTML) 1 Page - Fuji Electric

  YG123S15 Datasheet HTML 1Page - Fuji Electric YG123S15 Datasheet HTML 2Page - Fuji Electric YG123S15 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-220F
YG123S15 (6A)
(1500V / 6A )
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-Repetitive peak reverse voltage
Isolating voltage
Average output current
Non-repetitive surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Viso
Io
IFSM
Tj
Tstg
Conditions
Sine wave
10ms, 1shot
-40 to +150
Unit
V
V
V
A
A
°C
°C
Electrical characteristics (Tc=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Symbol
VF
IR
trr
Conditions
IF=4A
VR=VRRM
IF=0.1A, IR=0.1A
Max.
2.0
50.0
0.5
Unit
V
µ A
µ s
Square wave, duty=1/2
Tc=92°C
Rating
1500
1500
1500
6
80
+150
Fast recovery diode
Outline drawings, mm
Electrical characteristics (Tc=25°C Unless otherwise specified )
Item
Thermal resistance
Symbol
Rth(j-c)
Condition
Junction to case
Max.
3.5
Unit
°C/W
Terminals-to-Case,
AC.1min
Connection diagram
Features
Damper diode for high definition TV and high resolution display
Insulated package by fully molding
High voltage by mesa design
High reliability
Applications
High speed switching
3
1
YG123 [ ] [ ]
[ ] [ ]
YG123 [ ] [ ]
[ ] [ ]
Type name
Polarity mark
Lot. No.
10 0.5
+
_
4.5
0.2
+
_
2.7
0.2
+
_
+
_
2.7
0.2
5.08
0.4
0.7
0.2
+
_
+
_
1.2
0.2
+
_
0.6 +0.2
- 0
+0.2
- 0.1
O 3.2
Pre-Solder


Numéro de pièce similaire - YG123S15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
YG121S15 ETC-YG121S15 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

Description similaire - YG123S15

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com