Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2581L1 Fiches technique(PDF) 4 Page - California Eastern Labs

No de pièce PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS2581L1 Fiches technique(HTML) 4 Page - California Eastern Labs

  PS2581L1 Datasheet HTML 1Page - California Eastern Labs PS2581L1 Datasheet HTML 2Page - California Eastern Labs PS2581L1 Datasheet HTML 3Page - California Eastern Labs PS2581L1 Datasheet HTML 4Page - California Eastern Labs PS2581L1 Datasheet HTML 5Page - California Eastern Labs PS2581L1 Datasheet HTML 6Page - California Eastern Labs PS2581L1 Datasheet HTML 7Page - California Eastern Labs PS2581L1 Datasheet HTML 8Page - California Eastern Labs PS2581L1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PS2581L1,PS2581L2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio (IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
80
200
400
%
Collector Saturation Voltage
VCE(sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA,
3
µs
Fall Time
*2
tf
RL = 100
5
*1 CTR rank
L : 200 to 400 (%)
M : 80 to 240 (%)
D : 100 to 300 (%)
H : 80 to 160 (%)
W : 130 to 260 (%)
N : 80 to 400 (%)
*2 Test circuit for switching time
VCC
VOUT
RL = 100
50
IF
µ
Pulse Input
PW = 100 s
Duty Cycle = 1/10
Data Sheet PN10239EJ01V0DS
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11