Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PS2581L1 Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

PS2581L1 Fiches technique(HTML) 3 Page - California Eastern Labs

  PS2581L1 Datasheet HTML 1Page - California Eastern Labs PS2581L1 Datasheet HTML 2Page - California Eastern Labs PS2581L1 Datasheet HTML 3Page - California Eastern Labs PS2581L1 Datasheet HTML 4Page - California Eastern Labs PS2581L1 Datasheet HTML 5Page - California Eastern Labs PS2581L1 Datasheet HTML 6Page - California Eastern Labs PS2581L1 Datasheet HTML 7Page - California Eastern Labs PS2581L1 Datasheet HTML 8Page - California Eastern Labs PS2581L1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PS2581L1,PS2581L2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
80
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
1.5
mW/
°C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Power Dissipation Derating
PC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10239EJ01V0DS
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11