Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY77331 Fiches technique(PDF) 1 Page - Skyworks Solutions Inc.

No de pièce SKY77331
Description  Power Amplifier Module with Integrated Coupler for Quad-Band GSM / EDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77331 Fiches technique(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77331 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77331 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200290P2 • Skyworks Proprietary and Confidential Information. • Products and product information subject to change without notice. • June 14, 2005
1
PRELIMINARY PRODUCT SUMMARY
SKY77331 Power Amplifier Module with Integrated Coupler
for Quad-Band GSM / EDGE
Applications
• Quad-band cellular
handsets:
-
Class 4 GSM850/900
-
DCS1800
-
PCS1900
-
Class 12 GPRS multi-slot
operation
- EDGE polar modulation
Features
• High efficiency:
-
GSM850, 55% (Peak)
-
GSM900, 55% (Peak)
-
DCS, 52% (Peak)
- PCS, 52% (Peak)
• Integrated coupler
• Wideband envelope control
path
• Input/output matching
• 16-pad MCM
• Small outline
- 6 x 8 mm
• Low profile
- 1.2 mm
• Gold-plated, lead-free
contacts
Description
The SKY77331 Power Amplifier Module (PAM) is designed in a compact form factor for quad-band
cellular handsets comprising GSM850/900, DCS1800, PCS1900, and supports Class 12 General
Packet Radio Service (GPRS) multi-slot operation.
The module consists of a GSM850/900 PA block and a DCS1800/PCS1900 PA block, impedance-
matching circuitry for 50
Ω input and output impedances, a Power Amplifier Control (PAC) block, and
an Integrated Coupler. A custom CMOS IC provides the internal PAC function and interface circuitry.
Two separate Heterojunction Bipolar Transistor (HBT) PA blocks are fabricated onto InGaP/GaAs die;
one supports the GSM850/900 bands, the other supports the DCS1800 and PCS1900 bands. Both PA
blocks share common power supply pads to distribute current. The GaAs die, the silicon die, and the
passive components are mounted on a multi-layer laminate substrate with the entire assembly
encapsulated with plastic overmold.
RF input and output ports are internally matched to 50
Ω to reduce the number of external
components for a quad-band design. Extremely low leakage current (10
µA, maximum) of the dual PA
module maximizes handset standby time. The SKY77331 also contains band select switching circuitry
to select GSM (logic 0) and DCS/PCS (logic 1) as determined from the Band Select (BS) signal. In the
functional block diagram (Figure 1), the BS pad selects the PA output (DCS/PCS_OUT or GSM_OUT)
while the Power Control (VPC) controls the level of output power.
The integrated power amplifier control (PAC) function provides envelope amplitude control by reducing
sensitivity to input drive, temperature, power supply, and process variation. The Enable input signal
(pad 1) allows initial turn-on of the PAC circuitry to minimize battery drain.
Figure 1. SKY77331 Functional Block Diagram


Numéro de pièce similaire - SKY77331

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
More results

Description similaire - SKY77331

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
AP137-501 SKYWORKS-AP137-501 Datasheet
36Kb / 4P
   Quad-Band GSM Power Amplifier Module
logo
ANADIGICS, Inc
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
logo
TriQuint Semiconductor
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com