Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-32ETH204 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce ST-32ETH204
Description  Surface Mount Cermet Trimmers (single turn)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-32ETH204 Fiches technique(HTML) 4 Page - Vishay Siliconix

  ST-32ETH204 Datasheet HTML 1Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 2Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 3Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 4Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 5Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 6Page - Vishay Siliconix ST-32ETH204 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 58009
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
4
ST-32
Surface Mount Cermet Trimmers (single turn)
Vishay
MECHANICAL SPECIFICATIONS
Mechanical turn
250
° (1 turn)
Operating torque
5 mN m {51 gf cm} maximum
Stop Strength
20 mN m {204 gf cm} minimum
Rotational life
100 cycles
[
ΔR/R ≤ ± (2 Ω + 3 %)]
Thrust to rotor
5 N {0.51 kgf} minimum
Solderability
Sn-Pb: 235
°C, 2 s
Sn-Cu (Lead (Pb)-free): 245 ± 3
°C, 2 ∼ 3 s
Shear (Adhesion)
5 N {0.51 kgf} 10 s
Substrate bending
Width 90 mm, bend 3 mm, 5 s, 1 time
Pull-off strength
5 N {0.51 kgf} 10 s
ELECTRICAL CHARACTERISTICS
Nominal resistance
range
10
Ω ∼ 2 MΩ
Resistance tolerance
± 20 %
Power ratings
0.125 W (70
°C) 0 W (125 °C)
Resistance law
Linear law (B)
Maximum input
voltage
DC200 V or power rating, whichever is
smaller
Maximum wiper
current
100 mA or power rating, whichever is
smaller
Effective electrical
angle
210
° (1 turn)
End resistance
1 % or 2
Ω, whichever is greater
C.R.V.
1 % or 3
Ω, whichever is greater
Operating temp. range
- 55
∼ 125 °C
Temp. coefficient
10
Ω ∼ 50 Ω: ± 250 10-6 /°C maximum
100
Ω ∼ 2 MΩ: ± 100 10-6 /°C maximum
Insulation resistance
1000 M
Ω minimum (DC500 V)
Dielectric strength
AC500 V, 60 s
Net weight
Approx. 0.05 g (ST-32A, B, EA, EB)
Approx. 0.11 g (ST-32G, H, EG, EH)
ENVIRONMENTAL SPECIFICATIONS
Test item
Test conditions
Specifications
Thermal shock
- 65
∼ 125 °C (0.5 h),
5 cycles
[
ΔR/R ≤ 2 %]
[S.S.
≤ 1 %]
Humidity
- 10
∼ 65 °C (Relative
humidity 80
∼ 98 %),
10 cycles, 240 h
[
ΔR/R ≤ 2 %]
Shock
981 m/s2, 6 ms
6 directions for 3 times
each
[
ΔR/R ≤ 1 %]
[S.S.
≤ 1 %]
Vibration
Amplitude 1.52 mm or
Acceleration 196 m/s2,
10
∼ 2000 Hz,
3 directions, 12 times
each
Load Life
70
°C, 0.125 W, 1000 h
[
ΔR/R ≤ 3 %]
[S.S.
≤ 1 %]
Low
temperature
operation
- 55
°C, 2 h
[
ΔR/R ≤ 2 %]
[S.S.
≤ 2 %]
High
temperature
exposure
125
°C, 250 h
[
ΔR/R ≤ 3 %]
[S.S.
≤ 2 %]
Immersion seal
85
°C, 60 s
No leaks (No
continuous bubbles)
Soldering heat
Sn-Pb
260
°C, 10 s or 215 °C,
35 s
[
ΔR/R ≤ 1 %]
S-Cu
Flow: 260
°C ± 3 °C as
the temperature in a pot
of molten solder,
immersion from head of
terminal to backside of
board, 5
∼ 6 s, two times
maximum
Reflow: Peak
temperature 255
°C
(Please refer to the
profile below.)
Manual soldering:
350 ± 10
°C, 3 ∼ 4 s
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 °C
Pre Heating Zone
180°C
(°C)
250
200
150
100
50
150°C
90 ± 30 s
30 ± 10 s
Soldering Zone
Heating time
°C
+5
0


Numéro de pièce similaire - ST-32ETH204

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
ST-32EA COPAL-ST-32EA Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EB COPAL-ST-32EB Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EG COPAL-ST-32EG Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EH COPAL-ST-32EH Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results

Description similaire - ST-32ETH204

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com