Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-32TH204 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce ST-32TH204
Description  Surface Mount Cermet Trimmers (single turn)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-32TH204 Fiches technique(HTML) 3 Page - Vishay Siliconix

  ST-32TH204 Datasheet HTML 1Page - Vishay Siliconix ST-32TH204 Datasheet HTML 2Page - Vishay Siliconix ST-32TH204 Datasheet HTML 3Page - Vishay Siliconix ST-32TH204 Datasheet HTML 4Page - Vishay Siliconix ST-32TH204 Datasheet HTML 5Page - Vishay Siliconix ST-32TH204 Datasheet HTML 6Page - Vishay Siliconix ST-32TH204 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 58009
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
3
ST-32
Vishay
Surface Mount Cermet Trimmers (single turn)
Taping packaging specifications
Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500, 1000, 1500 pcs., etc.
ST-32TA, ETA, TB and ETB versions are boxed with 4 reels (2000 pcs.). ST-32TG, ETG, TH and ETH versions are boxed
with one reel (500 pcs.).
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the diagrams below.
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
13.4 ± 1 (TG/TH/ETG/ETH)
17.4 ± 1 (TG/TH/ETG/ETH)
15.4 ± 1 (TA/TB/ETA/ETB)
13
(TA/TB/ETA/ETB)
+1
0
Ø 180
0
-1.5(ST-32TA/TB/ETA/ETB)
Ø 21 ± 0.8
2 ± 0.5
Ø 254 ± 2(ST-32TG/TH/ETG/ETH)
Empty
Filled
Empty
40 mm min.
20 pitches min.
Direction of feed
Head
End
Leader
400 mm min.
Vinyl bag packaging specifications
Unit of bulk in vinyl bag packaging is 100 pcs. per pack.
Boxing of bulk in vinyl bags is performed with 500 pcs. per box.
ST-32TA, TB, ETA, ETB
2
4 ± 0.1
2 ± 0.05
8 ± 0.1
1
3
0.3 ± 0.1
2.5
Installation example
(ST-32A, EA)
Direction of feed
ST-32TG, TH, ETG, ETH
2
4 ± 0.1
2 ± 0.1
8 ± 0.1
1
3
0.4 ± 0.1
5.5 max.
Installation example
(ST-32H, EH)
Direction of feed
Ø 13 ± 0.2
ST-32H, ST-32EH
Side adjustment
1.5
0.5
3.6
Cross slot for a 0 bit driver, depth: 0.45
Resistance code 2 digits
Adjustment
0.2
3.5
2.4
1
2 - 0.6
3
1
2
t = 0.12
Production date code & Lead (Pb)-free Identification mark
1 digit (Location reversed every 2 years)
DIMENSIONS in millimeters
PACKAGING SPECIFICATIONS
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.


Numéro de pièce similaire - ST-32TH204

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
ST-325 KODENSHI-ST-325 Datasheet
272Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
logo
Copal Electronics
ST-32EA COPAL-ST-32EA Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EB COPAL-ST-32EB Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EG COPAL-ST-32EG Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-32EH COPAL-ST-32EH Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results

Description similaire - ST-32TH204

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com