Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-32EA Datasheet(Fiches technique) 3 Page - Vishay Siliconix

Numéro de pièce ST-32EA
Description  Surface Mount Cermet Trimmers (single turn)
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-32EA Datasheet(HTML) 3 Page - Vishay Siliconix

  ST-32EA Datenblatt HTML 1Page - Vishay Siliconix ST-32EA Datenblatt HTML 2Page - Vishay Siliconix ST-32EA Datasheet HTML 3Page - Vishay Siliconix ST-32EA Datenblatt HTML 4Page - Vishay Siliconix ST-32EA Datenblatt HTML 5Page - Vishay Siliconix ST-32EA Datenblatt HTML 6Page - Vishay Siliconix ST-32EA Datenblatt HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 58009
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
3
ST-32
Vishay
Surface Mount Cermet Trimmers (single turn)
Taping packaging specifications
Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500, 1000, 1500 pcs., etc.
ST-32TA, ETA, TB and ETB versions are boxed with 4 reels (2000 pcs.). ST-32TG, ETG, TH and ETH versions are boxed
with one reel (500 pcs.).
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the diagrams below.
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
13.4 ± 1 (TG/TH/ETG/ETH)
17.4 ± 1 (TG/TH/ETG/ETH)
15.4 ± 1 (TA/TB/ETA/ETB)
13
(TA/TB/ETA/ETB)
+1
0
Ø 180
0
-1.5(ST-32TA/TB/ETA/ETB)
Ø 21 ± 0.8
2 ± 0.5
Ø 254 ± 2(ST-32TG/TH/ETG/ETH)
Empty
Filled
Empty
40 mm min.
20 pitches min.
Direction of feed
Head
End
Leader
400 mm min.
Vinyl bag packaging specifications
Unit of bulk in vinyl bag packaging is 100 pcs. per pack.
Boxing of bulk in vinyl bags is performed with 500 pcs. per box.
ST-32TA, TB, ETA, ETB
2
4 ± 0.1
2 ± 0.05
8 ± 0.1
1
3
0.3 ± 0.1
2.5
Installation example
(ST-32A, EA)
Direction of feed
ST-32TG, TH, ETG, ETH
2
4 ± 0.1
2 ± 0.1
8 ± 0.1
1
3
0.4 ± 0.1
5.5 max.
Installation example
(ST-32H, EH)
Direction of feed
Ø 13 ± 0.2
ST-32H, ST-32EH
Side adjustment
1.5
0.5
3.6
Cross slot for a 0 bit driver, depth: 0.45
Resistance code 2 digits
Adjustment
0.2
3.5
2.4
1
2 - 0.6
3
1
2
t = 0.12
Production date code & Lead (Pb)-free Identification mark
1 digit (Location reversed every 2 years)
DIMENSIONS in millimeters
PACKAGING SPECIFICATIONS
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MXB-1001-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-0902-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
IRF9530NSPBFAdvanced Process Technology Surface Mount 1 2 3 4 5 MoreInternational Rectifier
MURA230T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor
IRHNA3160RADIATION HARDENED POWER MOSFET SURFACE MOUNT SMD-2 1 2 3 4 5 MoreInternational Rectifier
MXB-0301-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-3SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn