Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3842BDR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL3842BDR
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL3842BDR Fiches technique(HTML) 2 Page - Texas Instruments

  TL3842BDR Datasheet HTML 1Page - Texas Instruments TL3842BDR Datasheet HTML 2Page - Texas Instruments TL3842BDR Datasheet HTML 3Page - Texas Instruments TL3842BDR Datasheet HTML 4Page - Texas Instruments TL3842BDR Datasheet HTML 5Page - Texas Instruments TL3842BDR Datasheet HTML 6Page - Texas Instruments TL3842BDR Datasheet HTML 7Page - Texas Instruments TL3842BDR Datasheet HTML 8Page - Texas Instruments TL3842BDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TL2842BP
TL2842BP
TL2843BP
TL2843BP
PDIP – P
Tube of 50
TL2844BP
TL2844BP
TL2845BP
TL2845BP
Tube of 75
TL2842BD-8
2842B
Reel of 2500
TL2842BDR-8
Tube of 75
TL2843BD-8
2843B
Reel of 2500
TL2843BDR-8
SOIC – D (8 pin)
Tube of 75
TL2844BD-8
2844B
Reel of 2500
TL2844BDR-8
–40
°C to 85°C
Tube of 75
TL2845BD-8
2845B
Reel of 2500
TL2845BDR-8
Tube of 75
TL2842BD
TL2842B
Reel of 2500
TL2842BDR
Tube of 75
TL2843BD
TL2843B
Reel of 2500
TL2843BDR
SOIC – D (14 pin)
Tube of 75
TL2844BD
TL2844B
Reel of 2500
TL2844BDR
Tube of 75
TL2845BD
TL2845B
Reel of 2500
TL2845BDR
TL3842BP
TL3842BP
TL3843BP
TL3843BP
PDIP – P
Tube of 50
TL3844BP
TL3844BP
TL3845BP
TL3845BP
Tube of 75
TL3842BD-8
3842B
Reel of 2500
TL3842BDR-8
Tube of 75
TL3843BD-8
3843B
Reel of 2500
TL3843BDR-8
SOIC – D (8 pin)
Tube of 75
TL3844BD-8
3844B
Reel of 2500
TL3844BDR-8
0
°C to 70°C
Tube of 75
TL3845BD-8
3845B
Reel of 2500
TL3845BDR-8
Tube of 75
TL3842BD
TL3842B
Reel of 2500
TL3842BDR
Tube of 75
TL3843BD
TL3843B
Reel of 2500
TL3843BDR
SOIC – D (14 pin)
Tube of 75
TL3844BD
TL3844B
Reel of 2500
TL3844BDR
Tube of 75
TL3845BD
TL3845B
Reel of 2500
TL3845BDR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback


Numéro de pièce similaire - TL3842BDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL3842BDR TI-TL3842BDR Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3842BDR TI1-TL3842BDR Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3842BDR-8 TI-TL3842BDR-8 Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL3842BDR-8 TI1-TL3842BDR-8 Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Description similaire - TL3842BDR

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com