Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPE6272 Fiches technique(PDF) 43 Page - PCA ELECTRONICS INC.

No de pièce EPE6272
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCA [PCA ELECTRONICS INC.]
Site Internet  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6272 Fiches technique(HTML) 43 Page - PCA ELECTRONICS INC.

Back Button EPE6272 Datasheet HTML 39Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 40Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 41Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 42Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 43Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 44Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 45Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 46Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 47Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
E L E C T R O N I C S I N C .
Transmit Channel
Receive Channel
7 RX+
RD+ 1
RD- 2
CT 3
6 RX-
5 CT
1:1
TD+ 16
TD- 15
CT 14
11 TX-
12 CT
10 TX+
2 :1
10/100Base-TX Interface Module
for NIC/HUB Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for QSI6611/6612 PHY/MAC
• Guaranteed to operate with 8 mA DC Bias at 70°C on Cable Side
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8024G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8024G Rev. C1
5/8/03
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-35
10-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
80-100
MHz
-2/-2
Xmit/Rcv
100-150
MHz
-3.5/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-30/-30
100-500
MHz
Xmit/Rcv
-10/-10
60-100
MHz
-10/-10
Xmit/Rcv
5-10
MHz
-35
OCL
(@ 70°C)
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
1-30
MHz
Xmit/Rcv
-40/-40
.980
(24.89)
.390
(9.91)
PCA
EPF8024G
Date Code
Pin 1
I.D.
.600
(15.24)
.140
(3.56)
.017/.022
(.432/.559)
.100
(2.54)
.010/.015
(.254/.381)
.247 Max.
(6.27)
.200
(5.08)
.500
(12.70)
.035
(.889)
0°-8°
.092
(2.34)
Pad
Layout
.560
(14.22)
.030
(.762)
.100
(2.54)
.008/.013
(.203/.330)
.200
(5.08)


Numéro de pièce similaire - EPE6272

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
   10 Base-T Interface Module
More results

Description similaire - EPE6272

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6030G PCA-EPE6030G Datasheet
155Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6313SE PCA-EPE6313SE_09 Datasheet
70Kb / 1P
   Miniature 10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829H PCA-EPA1829H Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2852 PCA-EPA2852 Datasheet
32Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6098 PCA-EPE6098 Datasheet
65Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com