Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPE6272 Fiches technique(PDF) 31 Page - PCA ELECTRONICS INC.

No de pièce EPE6272
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCA [PCA ELECTRONICS INC.]
Site Internet  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6272 Fiches technique(HTML) 31 Page - PCA ELECTRONICS INC.

Back Button EPE6272 Datasheet HTML 27Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 28Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 29Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 30Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 31Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 32Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 33Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 34Page - PCA ELECTRONICS INC. EPE6272 Datasheet HTML 35Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General purpose 10Base-T Filter Module
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6356S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6356S Rev. 1
5/6/03
Isolation : Meets or exceeds 802.3 IEEE Requirements •
Characteristic Filter Impedance : 100
Ω •
• Referenced to the Output Level Fundamental Frequency @ 5 MHz •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-5/-5
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 200 MHz
Xmit/Rcv
-25/-25
@ 30 MHz
-10/-10
Xmit/Rcv
Cut-Off
Frequency
(MHz)
(Ref.)
19/19
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-40/-40
Crosstalk
(dB Min.)
-30
1-10 MHz
Attenuation
(dB Min.)
@ 40 MHz
-16/-16
Xmit/Rcv
Receive Channel
43,37,31,25
45,39,33,2
6,12,18,24
4,10,16,22
LPF
1 : 1
Transmit Channel
46,40,34,2
47,41,35,2
48,42,36,3
3,9,15,21
1,7,13,19
LPF
2,8,14,20
1 : 2
.050
(1.27)
Solder Pad Layout
PCA
EP6356S
Date Code
.710
(18.03)
.900
(22.90)
.050
(1.27)
.030
(.762)
.090
(2.29)
124
25
48
.300 (7.62)
.035
(.889)
.008/.012
(.203/.305)
.850
(21.60)
.010/.015
(.254/.381)
1.150
(29.20)
.016/.022
(.406/.559)
1.255
(31.88)
0°-8°
.085
(2.16)
Pin 1
I.D.


Numéro de pièce similaire - EPE6272

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
   10 Base-T Interface Module
More results

Description similaire - EPE6272

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6030G PCA-EPE6030G Datasheet
155Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6313SE PCA-EPE6313SE_09 Datasheet
70Kb / 1P
   Miniature 10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829H PCA-EPA1829H Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2852 PCA-EPA2852 Datasheet
32Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6098 PCA-EPE6098 Datasheet
65Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com