Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPE6250S Fiches technique(PDF) 14 Page - PCA ELECTRONICS INC.

No de pièce EPE6250S
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PCA [PCA ELECTRONICS INC.]
Site Internet  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6250S Fiches technique(HTML) 14 Page - PCA ELECTRONICS INC.

Back Button EPE6250S Datasheet HTML 10Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 11Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 12Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 13Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 14Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 15Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 16Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 17Page - PCA ELECTRONICS INC. EPE6250S Datasheet HTML 18Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
E L E C T R O N I C S I N C .
10 Base-T Multiport Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for AMD Repeater Chips
• Low Crosstalk enhances network reliability
• Robust construction allows for IR/VP processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6117
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6117
Rev. Orig
5/6/03
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-18/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-30/-18
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-35/-35
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 40 MHz
-35/-26
Xmit/Rcv
8
24
12
3
4
62
60
Xmit
67
5
58
56
Rcv
13 14
15
12
50
48
Xmit
910
11
54
52
Rcv
18 19 20
17
46
44
Xmit
21
22
23
42
40
Rcv
29 30
31
28
34
32
Xmit
25
27
26
38
36
Rcv
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
49.9
Ω 49.9Ω
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1.2K
1.2K
1.2K
1.2K
1.100
(27.94)
.075
(1.91)
See Detail AA
.010
(.254)
.110
(2.79)
.125/.150
(3.18/3.81)
I
DETAIL
AA
1.500
(38.10)
.390
(9.91)
.095
(2.41)
1.690
(42.93)
1.015/1.025
(25.78/26.04)
.100
(2.54)
.050
(1.27)
.016/.020
(.406/.508)
PCA
EPE6117
Date Code


Numéro de pièce similaire - EPE6250S

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPE6250S PCA-EPE6250S Datasheet
183Kb / 1P
   Miniature 10 Base-T Multiport Module
More results

Description similaire - EPE6250S

FabricantNo de pièceFiches techniqueDescription
logo
PCA ELECTRONICS INC.
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6030G PCA-EPE6030G Datasheet
155Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6313SE PCA-EPE6313SE_09 Datasheet
70Kb / 1P
   Miniature 10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829H PCA-EPA1829H Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2852 PCA-EPA2852 Datasheet
32Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6098 PCA-EPE6098 Datasheet
65Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com