Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

STSMIA832 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Fiches technique(HTML) 4 Page - STMicroelectronics

  STSMIA832 Datasheet HTML 1Page - STMicroelectronics STSMIA832 Datasheet HTML 2Page - STMicroelectronics STSMIA832 Datasheet HTML 3Page - STMicroelectronics STSMIA832 Datasheet HTML 4Page - STMicroelectronics STSMIA832 Datasheet HTML 5Page - STMicroelectronics STSMIA832 Datasheet HTML 6Page - STMicroelectronics STSMIA832 Datasheet HTML 7Page - STMicroelectronics STSMIA832 Datasheet HTML 8Page - STMicroelectronics STSMIA832 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin configuration
STSMIA832
4/23
2
Pin configuration
Figure 3.
Pin connections (top through view - bumps are on the other side)
Table 1.
Pin description
PlN N°
SYMBOL
NAME AND FUNCTION
D5
D1
Decoder output (LSB)
E5
D2
Decoder output
D4
D3
Decoder output
D3
D4
Decoder output
D2
D5
Decoder output
D1
D6
Decoder output
E1
D7
Decoder output
C3
D8
Decoder output (MSB)
A2, A1
D+, D-
Differential data receiver inputs
A5, A4
STRB+, STRB-
Differential strobe receiver inputs (Class_Sel = VL)
Differential clock receiver inputs (Class_Sel = GND)
B3
EN
Receivers enable input
E3
CLK
Clock output
C2
H-SYNC
Horizontal sync output
B2
V-SYNC
Vertical sync output
E2, E4
GND
Ground (Digital I/O reference)
A3, B1
GND
Ground (Analog subLVDS part)
B5
VDD
Core supply voltage
C1, C5
VL
Digital I/O supply voltage
B4
SYNC_SEL
Select sync input
C4
CLASS_SEL
Select CLASS input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23