Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD75161A Fiches technique(PDF) 1 Page - Hitachi Semiconductor

No de pièce HD75161A
Description  Octal General Purpose Interface Bus Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD75161A Fiches technique(HTML) 1 Page - Hitachi Semiconductor

  HD75161A Datasheet HTML 1Page - Hitachi Semiconductor HD75161A Datasheet HTML 2Page - Hitachi Semiconductor HD75161A Datasheet HTML 3Page - Hitachi Semiconductor HD75161A Datasheet HTML 4Page - Hitachi Semiconductor HD75161A Datasheet HTML 5Page - Hitachi Semiconductor HD75161A Datasheet HTML 6Page - Hitachi Semiconductor HD75161A Datasheet HTML 7Page - Hitachi Semiconductor HD75161A Datasheet HTML 8Page - Hitachi Semiconductor HD75161A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HD75161A
Octal General Purpose Interface Bus Transceivers
ADE-205-591 (Z)
1st. Edition
Dec. 2000
Description
The HD75161A is an 8 channel general purpose interface bus transceiver designed to meet the
requirements of IEEE standard 488-1978. The transceiver is to provide the bus management and data
transfer signals during operating in a controller instrumentation system.
When combined with the
HD75160A octal bus transceiver, the HD75161A provides the complete 16 wire interface for the IEEE 488
bus. The HD75161A features eight driver receiver pairs connected in a front to back configureation to
form input/output ports at both the bus and terminal sides. The direction of data through these driver
receiver pairs is determined by the DC and TE enable signals. The device exhibits a high impedance to the
bus when V
CC = 0 V since the bus terminating resistors are built in.
If featurs driver outputs which can
handle loads up to 48 mA of sink current. Each receiver features p n p transistor inputs for high input
impedance and guaranteed hysteresis of 400 mV for increased noise immunity.


Numéro de pièce similaire - HD75161A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
HD75161AP RENESAS-HD75161AP Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
More results

Description similaire - HD75161A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com