Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEF6890H Fiches technique(PDF) 20 Page - NXP Semiconductors

No de pièce TEF6890H
Description  Car radio integrated signal processor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6890H Fiches technique(HTML) 20 Page - NXP Semiconductors

Back Button TEF6890H Datasheet HTML 16Page - NXP Semiconductors TEF6890H Datasheet HTML 17Page - NXP Semiconductors TEF6890H Datasheet HTML 18Page - NXP Semiconductors TEF6890H Datasheet HTML 19Page - NXP Semiconductors TEF6890H Datasheet HTML 20Page - NXP Semiconductors TEF6890H Datasheet HTML 21Page - NXP Semiconductors TEF6890H Datasheet HTML 22Page - NXP Semiconductors TEF6890H Datasheet HTML 23Page - NXP Semiconductors TEF6890H Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
2003 Oct 21
20
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
∆Gstep
step error (all controls)
between all adjoining
steps, all outputs
G = +20 to
−36 dB
−−
0.5
dB
G=
−36 to −59 dB
−−
1.0
dB
TCASI
ASI time constant
(switching time from any
setting to any other
setting)
see Table 43
AST[1:0] = 00
1
ms
AST[1:0] = 01
3
ms
AST[1:0] = 10
10
ms
AST[1:0] = 11
30
ms
Voffset(max)
maximum DC offset
between any two settings
(non-consecutive) on any one audio
control or any one dynamic weak
signal processing control
7
mV
PSRR
power supply ripple
rejection
VCC(AC) =Vripple = 200 mV (RMS)
fripple = 20 to 100 Hz
35
46
dB
fripple = 1 kHz
50
75
dB
fripple = 1 to 20 kHz
50
65
dB
α
ct
crosstalk between bus
inputs and signal outputs
fclk = 100 kHz; note 3
110
dB
tturn-on
turn-on time from VCC
applied to 66% final DC
voltage at outputs
100
ms
LOUDNESS
floudness(low)
loudness low boost
frequency; without
influence of coupling
capacitors
amplitude decrease =
−3dB
LLF = 0
50
Hz
LLF = 1
100
Hz
floudness(high)
loudness filter response;
without influence of
coupling capacitors
amplitude decrease =
−1 dB;
frequency referred to 100 kHz;
high boost on
10
kHz
Gloudness
loudness gain control
floudness(low) = 50 Hz; high boost on;
see Fig.16
maximum setting; 1 kHz tone
0
dB
minimum setting; 1 kHz tone
−−20
dB
minimum setting; 50 Hz tone
−−3
dB
minimum setting; 10 kHz tone
−−16
dB
minimum setting; 100 kHz tone
−−15
dB
step size; 1 kHz tone
1
dB
VOLUME
Gvol
volume/balance gain
control
see Table 49
maximum setting
20
dB
minimum setting
−−59
dB
mute attenuation; 20 Hz to 20 kHz
input
−−80
−70
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TEF6890H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
More results

Description similaire - TEF6890H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com