Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ELM99XXXA Fiches technique(PDF) 9 Page - ELM Electronics

No de pièce ELM99XXXA
Description  LOW SATURATION VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99XXXA Fiches technique(HTML) 9 Page - ELM Electronics

Back Button ELM99XXXA Datasheet HTML 5Page - ELM Electronics ELM99XXXA Datasheet HTML 6Page - ELM Electronics ELM99XXXA Datasheet HTML 7Page - ELM Electronics ELM99XXXA Datasheet HTML 8Page - ELM Electronics ELM99XXXA Datasheet HTML 9Page - ELM Electronics ELM99XXXA Datasheet HTML 10Page - ELM Electronics ELM99XXXA Datasheet HTML 11Page - ELM Electronics ELM99XXXA Datasheet HTML 12Page - ELM Electronics ELM99XXXA Datasheet HTML 13Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
228
LOW SATURATION VOLTAGE REGULATOR ELM99xxxA
ELM99273A
ELM99273A
ELM99273A
ELM99273A
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=3.7V, IOUT=40mA
2.646
2.700
2.754
V
VIN=3.7V, Lower
by 0.1V than VOUT
△VOUT
VIN=3.7V
△IOUT
1mA≦IOUT≦100mA
Input/Output
Voltage Differential
Current Consumption
ISS
VIN=3.7V
25
45
μA
Stand-by
Current Consumption
△VOUT
3.7V≦VIN≦8.0V
△VIN
IOUT=40mA
Input Voltage
VIN
8.0
V
Output Voltage Temp.
△VOUT
VIN=3.7V, IOUT=40mA
Characteristics
△Top
-30℃≦Top≦+80℃
Short-circuit Current
Ilim
VOUT=0V
70
mA
CE Input Voltage "H"
VCEH
VIN=8.0V
1.80
VIN
V
CE Input Voltage "L"
VCEL
VIN=2.0V
0
0.25
V
CE Input Current "H"
ICEH
VCE=VIN
0.4
1.5
μA
CE Input Current "L"
ICEL
VCE=VSS
-0.2
0
μA
mA
Output Current
IOUT
150
260
(Top=25℃)
Input Stability
515
mV
Load Stability
%/V
Vdif
IOUT=40mA
155
ppm/℃
0.15
0.30
±100
255
mV
Istandby
VIN=3.7V, VCE=VSS
0.1
0.5
μA
ELM99303A
ELM99303A
ELM99303A
ELM99303A
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=4.0V, IOUT=40mA
2.940
3.000
3.060
V
VIN=4.0V, Lower
by 0.1V than VOUT
△VOUT
VIN=4.0V
△IOUT
1mA≦IOUT≦100mA
Input/Output
Voltage Differential
Current Consumption
ISS
VIN=4.0V
25
45
μA
Stand-by
Current Consumption
△VOUT
4.0V≦VIN≦8.0V
△VIN
IOUT=40mA
Input Voltage
VIN
8.0
V
Output Voltage Temp.
△VOUT
VIN=4.0V, IOUT=40mA
Characteristics
△Top
-30℃≦Top≦+80℃
Short-circuit Current
Ilim
VOUT=0V
70
mA
CE Input Voltage "H"
VCEH
VIN=8.0V
1.80
VIN
V
CE Input Voltage "L"
VCEL
VIN=2.0V
0
0.25
V
CE Input Current "H"
ICEH
VCE=VIN
0.4
1.5
μA
CE Input Current "L"
ICEL
VCE=VSS
-0.2
0
μA
Istandby
VIN=4.0V, VCE=VSS
0.1
0.5
Input Stability
515
mV
Load Stability
%/V
Vdif
IOUT=40mA
140
220
(Top=25℃)
ppm/℃
0.15
0.30
±100
mV
μA
mA
Output Current
IOUT
160
290


Numéro de pièce similaire - ELM99XXXA

FabricantNo de pièceFiches techniqueDescription
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-N ELM-TECH-ELM99271271BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
More results

Description similaire - ELM99XXXA

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com