Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ELM99XXXA Fiches technique(PDF) 6 Page - ELM Electronics

No de pièce ELM99XXXA
Description  LOW SATURATION VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELM [ELM Electronics]
Site Internet  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99XXXA Fiches technique(HTML) 6 Page - ELM Electronics

Back Button ELM99XXXA Datasheet HTML 2Page - ELM Electronics ELM99XXXA Datasheet HTML 3Page - ELM Electronics ELM99XXXA Datasheet HTML 4Page - ELM Electronics ELM99XXXA Datasheet HTML 5Page - ELM Electronics ELM99XXXA Datasheet HTML 6Page - ELM Electronics ELM99XXXA Datasheet HTML 7Page - ELM Electronics ELM99XXXA Datasheet HTML 8Page - ELM Electronics ELM99XXXA Datasheet HTML 9Page - ELM Electronics ELM99XXXA Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
225
LOW SATURATION VOLTAGE REGULATOR
ELM99xxxA
ELM99331A
ELM99331A
ELM99331A
ELM99331A
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=4.3V, IOUT=40mA
3.234
3.300
3.366
V
VIN=4.3V, Lower
by 0.1V than VOUT
△VOUT
VIN=4.3V
△IOUT
1mA≦IOUT≦100mA
Input/Output
Voltage Differential
Current Consumption
ISS
VIN=4.3V No-load
25
45
μA
△VOUT
4.3V≦VIN≦8.0V
△VIN
IOUT=40mA
Input Voltage
VIN
8.0
V
Output Voltage Temp.
△VOUT
VIN=4.3V, IOUT=40mA
Characteristics
△Top
-30℃≦Top≦+80℃
Short-circuit Current
Ilim
VOUT=0V
70
mA
Load Stability
Input Stability
515
0.15
0.30
Vdif
IOUT=40mA
±100
(Top=25℃)
%/V
ppm/℃
mV
125
210
mV
mA
Output Current
IOUT
170
300
ELM99501A
ELM99501A
ELM99501A
ELM99501A
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
VIN=6.0V, IOUT=40mA
4.900
5.000
5.100
V
VIN=6.0V, Lower
by 0.1V than VOUT
△VOUT
VIN=6.0V
△IOUT
1mA≦IOUT≦100mA
Input/Output
Voltage Differential
Current Consumption
ISS
VIN=6.0V No-load
30
55
μA
△VOUT
6.0V≦VIN≦8.0V
△VIN
IOUT=40mA
Input Voltage
VIN
8.0
V
Output Voltage Temp.
△VOUT
VIN=6.0V, IOUT=40mA
Characteristics
△Top
-30℃≦Top≦+80℃
Short-circuit Current
Ilim
VOUT=0V
70
mA
±100
(Top=25℃)
%/V
ppm/℃
mV
105
170
mV
mA
Load Stability
Input Stability
515
0.15
0.30
Vdif
IOUT=40mA
Output Current
IOUT
200
330


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn