Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX06833-4 Fiches technique(PDF) 11 Page - Synaptics Incorporated.

No de pièce CX06833-4
Description  V.92/V.34/V.32bis Modem in 144-Pin TQFP with Optional CX20442 Voice Codec
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX06833-4 Fiches technique(HTML) 11 Page - Synaptics Incorporated.

Back Button CX06833-4 Datasheet HTML 7Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 8Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 9Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 10Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 11Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 12Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 13Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 14Page - Synaptics Incorporated. CX06833-4 Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
CX06833-3x/4x SMXXD Modem Data Sheet
102228A
Conexant
1-3
Figure 1-1. SMXXD Modem Simplified Interface Diagram
CX06833
Single Chip Modem
144-Pin TQFP
CX20442
Voice Codec
(VC)
32-Pin TQFP
(Optional)
MIC
SPEAKER
TIP
RING
Telephone
Line
Interface
Discrete
Components
102228_001
TIP
RING
HANDSET (OPTIONAL)
TELEPHONE LINE
(OPTIONAL)
PARALLEL
HOST BUS OR
SERIAL DTE
INTERFACE
Figure 1-2. SMXXD Modem Major Interfaces
CX06833
Single Chip Modem
144-Pin TQFP
CX20442
Voice Codec (VC)
32-Pin TQFP
(Optional)
Line Interface
Codec
Modem Data
Pump (MDP)
Digital Speaker
Circuit (Optional)
PARALLEL
HOST BUS OR
SERIAL DTE
INTERFACE
MIC
SPEAKER
102228_002
SOUNDUCER
HS Hybrid
Components
(Optional)
RAM
1M (128K x 8)
(Optional)
Flash ROM
2M (256K x 8)
(Optional)
Microcontroller
Unit (MCU)
Serial EEPROM
2K (256 x 8) to
256K (32K x 8)
(Optional)
TIP
RING
Telephone
Line Interface
Discrete
Components
TIP
RING
Voice Relay,
HS Pickup
(Optional)
TELEPHONE
LINE
TELEPHONE
HANDSET
DAA Hardware
(Mic/Speaker)
Interface
(Optional)
ROM
(256K x 8)
RAM
(32K x 8)


Numéro de pièce similaire - CX06833-4

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
More results

Description similaire - CX06833-4

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX86500 CONEXANT-CX86500 Datasheet
184Kb / 6P
   SCXV.92/V.34/V.32bis Modem / Controller-based Modem with Worldwide SmartDAA 3 Line Side Device for Embedded Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
   Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Bel Fuse Inc.
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
   V.34 MODEM TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com