Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5010RR Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce CS5010RR
Description  DES/3DES Encryption/Decryption Cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CS5010RR Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  CS5010RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Optimized for
5
TM
Table 2: CS5010-40 DES/3DES Cores Interface Signal Definitions
Signal
I/O
Width (Bits)
Description
D
I
32 (64 Ultra High Speed)
Input Plaintext/Ciphertext data
DADDR
I
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Input Plaintext/Ciphertext data address, 0: the lowest 32-bit word
DLOAD
I
1
Load input Plaintext/Ciphertext enable
KEY
I
28 (56 Ultra High Speed)
Encryption key data
KADDR
I
2
Encryption key address, 0: the lowest 28-bit word
KLOAD
I
1
Load encryption key
MODE
I
1
Encryption/Decryption mode select, 0: Encryption. 1: Decryption
TRIPLE
I
1
DES/3DES mode select, 0: DES, 1:3DES
EDE
I
1
Triple DES key selection mode, 0:EDE2, 1: EDE3
CLK
I
1
System clock, rising edge active
RST
I
1
Asynchronous reset
DSTAT
O
1
Input port status
This signal will be Asserted when the core is ready for loading the
highest word of the next 64-bit data block, or the highest word of the
multiple input DES blocks available in the Compact or High Speed
cores. The lower words can be loaded at anytime in the period
when DSTAT is LOW depending on the key-size selection
QSTRB
O
1
Output strobe indicating the Plaintext/Ciphertext word Q is valid
QADDR
O
1 (Ultra Compact)
2 (Compact)
3 (High Speed)
0 (Ultra High Speed)
Output Plaintext/Ciphertext data address, 0: the lowest 32-bit word
Q
O
32 (64 Ultra High Speed)
Output Plaintext/Ciphertext data


Numéro de pièce similaire - CS5010RR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS5010RR ETC2-CS5010RR Datasheet
209Kb / 8P
   DES/3DES Encryption/Decryption Cores
More results

Description similaire - CS5010RR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CS5010-40 ETC2-CS5010-40 Datasheet
209Kb / 8P
   DES/3DES Encryption/Decryption Cores
logo
PHOENIX CONTACT
5603719 PHOENIX-5603719 Datasheet
76Kb / 3P
   VLC-DES-P
5605646 PHOENIX-5605646 Datasheet
76Kb / 3P
   VLC-DES-USB
5605670 PHOENIX-5605670 Datasheet
46Kb / 2P
   License - VLC-OEM-DES-USB
logo
Nanjing International G...
B5817PL DGNJDZ-B5817PL_V01 Datasheet
1Mb / 4P
   SOD-123FL Plastic-Encapsulate Dio des
logo
Harris Corporation
KGV-72 HARRIS-KGV-72 Datasheet
2Mb / 2P
   TYPE-1 PROGRAMMABLE ENCRYPTION DEVICE
logo
PHOENIX CONTACT
5604472 PHOENIX-5604472 Datasheet
45Kb / 2P
   License - VLC-OEM-DES-P
logo
STMicroelectronics
STM32L162VD STMICROELECTRONICS-STM32L162VD Datasheet
1Mb / 115P
   AES 128-bit encryption hardware accelerator
logo
List of Unclassifed Man...
TH7862CD ETC1-TH7862CD Datasheet
735Kb / 6P
   TABLEAU RESUME DES DTC MATRICIELS
logo
STMicroelectronics
STM32L162QC STMICROELECTRONICS-STM32L162QC Datasheet
1Mb / 128P
   AES-128 bit encryption hardware accelerator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com