Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5344-DZZR Fiches technique(PDF) 3 Page - Cirrus Logic

No de pièce CS5344-DZZR
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344-DZZR Fiches technique(HTML) 3 Page - Cirrus Logic

  CS5344-DZZR Datasheet HTML 1Page - Cirrus Logic CS5344-DZZR Datasheet HTML 2Page - Cirrus Logic CS5344-DZZR Datasheet HTML 3Page - Cirrus Logic CS5344-DZZR Datasheet HTML 4Page - Cirrus Logic CS5344-DZZR Datasheet HTML 5Page - Cirrus Logic CS5344-DZZR Datasheet HTML 6Page - Cirrus Logic CS5344-DZZR Datasheet HTML 7Page - Cirrus Logic CS5344-DZZR Datasheet HTML 8Page - Cirrus Logic CS5344-DZZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS687A4
3
CS5343/4
LIST OF TABLES
Table 1. Master/Slave Mode Selection ...................................................................................................... 13
Table 2. Speed Modes and the Associated Sample Rates (Fs) in Slave Mode......................................... 13
Table 3. Speed Modes and the Associated Sample Rates (Fs) in Master Mode....................................... 14
Table 4. Speed Mode Selection in Master Mode ....................................................................................... 14
Table 5. Common MCLK Frequencies in Master and Slave Modes .......................................................... 14
Table 6. Analog Input Design Parameters ................................................................................................. 16


Numéro de pièce similaire - CS5344-DZZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Description similaire - CS5344-DZZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com