Moteur de recherche de fiches techniques de composants électroniques |
|
CS496112 Fiches technique(PDF) 2 Page - Cirrus Logic |
|
CS496112 Fiches technique(HTML) 2 Page - Cirrus Logic |
2 / 2 page • Facility audio distribution • Paging stations • Power amplifiers • Intercoms • Audio snakes • Signal processors • Mixing consoles • Self-powered loudspeakers • Ceiling speakers • Microphone pre-amplifiers • Media servers • Stand-alone A/D and D/A interfaces • Networked consumer audio Cir r us Logic, Inc. · 2901 V ia For tuna · Austin TX 787 46 USA · T 512-851-4000 · T 800-888-5016 · F 512-851-4977 Product Bulletin 0159-0205-PB-LP © 2005 Cirrus Logic, Inc. All rights reserved. Product information is subject to change without notice. Cirrus Logic, CobraNet, and Leading the Digital Entertainment Revolution are trademarks of Cirrus Logic, Inc. Other brand and product names may be trademarks or service marks of their respective owners. Part No. Serial Audio In Serial Audio Out CS496102 2 2 CS496112 8 8 CS496122 16 16 Application Examples • Assembler and Linker – Full featured assembler and linker supports modular development for Cirrus Logic’s high performance Harvard-architecture DSP processor. • Using Cirrus Logic’s DSP Conductor™ software, a graphical audio-oriented development environment, the developer defines signal flow and may make real-time adjustments to DSP parameters. Software interacts with the target system via an Ethernet connection. • Documentation – The SDK includes comprehensive documentation of the Instruction Set Architecture (ISA) and the operation of the Assembler, Linker and DSP Conductor software. Example code and tutorials get you started quickly writing your own application specific DSP code. • Support – The CobraNet technology SDK is supported by experienced audio DSP and CobraNet technology engineers as well as Cirrus Logic FAEs. The Silicon Series of processors, along with the included firmware, implements a fully functional CobraNet technology-compliant interface. In addition, Cirrus Logic offers a variety of utility programs and documentation support to assist our developers in successfully creating and launching CobraNet technology based products. • CobraCAD – is an application used to model CobraNet network topologies. Simply point, click, drag, and drop and CobraCad will verify that the CobraNet network configuration will perform as intended. This tool is ideal for end users installing systems with CobraNet technology. • CobraNet Discovery – is a utility program used to provide valuable feedback regarding the working state of a CobraNet network. The program reads and displays operational statistics from every CobraNet interface on the network. It can also be used to assign addresses to individual CobraNet devices and to update CobraNet firmware. • CobraNet Object Tools (COT) – is a Microsoft ® COM object library that can be used with a variety of software languages or scripting systems. COT provides all of the low-level functionality needed to configure and monitor CobraNet devices, greatly easing the development effort required to write custom CobraNet applications. • Other Resources – Cirrus Logic has additional software tools available for use in manufacturing and test environments. Reference designs and many helpful application notes are also available. The CobraNet Silicon Series processors and its firmware and software tools are available today with the full support that comes from the worldwide Cirrus Logic sales and applications engineering teams. CobraNet technology has a proven track record, with years of successful deployments and tens-of-thousands of nodes in use today. This solid track record, along with the cost- effective CobraNet Silicon Series of processors now available, makes the selection of CobraNet technology an easier choice than ever. Software Tools – DSP Programming Software Tools – Networking * These ICs can be made available in lead-free packaging and/or industrial grade. www.cirrus.com |
Numéro de pièce similaire - CS496112 |
|
Description similaire - CS496112 |