Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB8416 Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CDB8416
Description  Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8416 Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CDB8416 Datasheet HTML 3Page - Cirrus Logic CDB8416 Datasheet HTML 4Page - Cirrus Logic CDB8416 Datasheet HTML 5Page - Cirrus Logic CDB8416 Datasheet HTML 6Page - Cirrus Logic CDB8416 Datasheet HTML 7Page - Cirrus Logic CDB8416 Datasheet HTML 8Page - Cirrus Logic CDB8416 Datasheet HTML 9Page - Cirrus Logic CDB8416 Datasheet HTML 10Page - Cirrus Logic CDB8416 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CDB8416
DS578DB2
7
3. BOARD SETUP
3.1
Power Supplies:
1) Verify that all power supplies are off before
making connections.
2) Connect a +3.3 V DC power supply to the
VD+/VA+ (J6) binding post and place jumper
J8 in the ADJUST position. This connection
may be omitted by setting J8 to the REG posi-
tion. VD+/VA+ will be derived from the on-
board +3.3V regulator.
3) Connect a +3.3 V to +5.0 V DC power supply
to the VL+ (J5) binding post and place jumper
J7 in the ADJUST position. This connection
may be omitted by setting J7 to the +5 V posi-
tion. VL+ will be derived from the +5 V bind-
ing post.
4) Connect a +5.0 V DC power supply to the +5 V
(J3) binding post.
5) Connect the common ground of the power sup-
plies to the GND (J4) binding post.
6) Apply power to the board. D9 should illumi-
nate indicating power is applied to VD+/VA+.
3.2
Hardware Mode Settings:
1) Place switch S1-H/S in the OPEN position.
2) Place switches S3-INPUT, S3-8416_PCM, S3-
NVSEL,
S3-RXSEL1,
S3-RXSEL0,
S3-
TXSEL1, S3-TXSEL0, S1-M/S, S1-SFMT1,
S1-SFMT0, S4-8406_PCM, S4-TCBLD, S4-
CEN to the appropriate positions.
3) Press and release the RESET switch S3. The
board should now be setup for use in Hardware
Mode.
3.3
Software Mode Settings:
1) Place switch S1-H/S in the CLOSED position.
2) Place
switches
S1-M/S,
S3-INPUT,
S3-
8416_PCM, and S4-8406_PCM to the appro-
priate positions. All other switch setting do not
effect Software Mode operation.
3) Press and release the RESET switch S2. The
board should now be setup for use in Software
mode.
4) Connect a DB-25 parallel port cable from the
PC’s parallel port to J1 on the CDB8416.
3.3.1
Installing the Software:
1) Create a directory called CDB8416 anywhere
on your system.
2) Copy CDB8416.exe from the included CD into
this directory.
3) Run port95nt.exe from the CD. After running
the program the system will need to be restart-
ed.
4) If desired, create a shortcut to CDB8416.exe on
your desktop. You should now be able to run
CDB8416.exe.
5) Double-click on CDB8416.exe or its shortcut.
6) Click on the button on the lower right labeled
“Advanced”.
7) Select the LPT port you are using to connect to
the CDB8416.
8) Shut down the application, reset the board, and
then restart the application.
3.3.2
Verifying Board Operation:
1) In the “CS8416 AES Receiver Controls” win-
dow, select the check box “Enable Internal
Clocks” (enables the RUN bit in the Clock
Control register).
2) In the “CS8406 AES Transmitter Controls”
window, select the check box “Enable Clocks”
(enables the RUN bit in the Clock Control reg-
ister).
3) In the “CS8416 AES Receiver Controls” win-
dow,
select
the
check
box
“Generate
SCLK/LRCK”. Make sure that switch S1-M/S
is in the OPEN position.


Numéro de pièce similaire - CDB8416

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB8416 CIRRUS-CDB8416 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CDB8416 CIRRUS-CDB8416 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CDB8416 CIRRUS-CDB8416 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
More results

Description similaire - CDB8416

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com