Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LH1541AT1 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce LH1541AT1
Description  1 Form A Solid State Relay(Low Capacitance)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1541AT1 Fiches technique(HTML) 2 Page - Vishay Siliconix

  LH1541AT1 Datasheet HTML 1Page - Vishay Siliconix LH1541AT1 Datasheet HTML 2Page - Vishay Siliconix LH1541AT1 Datasheet HTML 3Page - Vishay Siliconix LH1541AT1 Datasheet HTML 4Page - Vishay Siliconix LH1541AT1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 83834
www.vishay.com
Revision 17-August-01
3–160
Absolute Maximum Ratings, TA=25°C
Stresses in excess of the absolute Maximum Ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional oper-
ation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
Ambient Temperature Range (TA) ....................................–40 to +85°C
Storage Temperature Range (Tstg).................................–40 to +150°C
Pin Soldering Temperature (t=10 s max) (TS) ............................. 260°C
Input/Output Isolation Voltage
(VRMS t=1.0 s, IISO=10 µA max) (VISO) .............................. 5300 VRMS
LED Continuous Forward Current (IF) .........................................50 mA
LED Reverse Voltage (IR≤10 µA) (VR)...........................................8.0 V
DC or Peak AC Load Voltage (IL≤50 µA) (VL)..............................200 V
Continuous DC Load Current (IL)
Bidirectional Operation..............................................................55 mA
Unidirectional Operation............................................................ — mA
Peak Load Current (t=100 ms) (single shot) (IP) ......................100 mA
Output Power Dissipation (continuous) (PDISS)........................550 mW
Recommended Operating Conditions
–40
–20
0
20
40
60
80
50
20
10
30
0
40
IFon = 2.0 mA
IFon = 3.0 mA
IFon = 4.0 mA
IFon =
5.0 to 20 mA
Ambient Temperature (
°C)
Electrical Characteristics, TA=25°C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the
result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
* IF=5.0 mA
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Input
LED Forward Current, Switch Turn-on
IFon
0.6
2.0
mA
IL=100 mA, t=10 ms
LED Forward Current, Switch Turn-off
IFoff
0.1
0.5
mA
VL±150 V
LED Forward Voltage
VF
1.10*
1.19*
1.45*
V
IF=10 mA
Output
ON-resistance
ac/dc: Pin 4 (±) to 6 (±)
RON
70
110
160
IF=5.0 mA, IL=50 mA
dc: Pin 4, 6 (+) to 5 (±)
IF=5.0 mA, IL=100 mA
OFF-resistance
ROFF
0.5
10000
G
IF=0 mA, VL=±100 V
Off-state Leakage Current
0.4
200
nA
IF=0 mA, VL=±100 V
1.0
µA
IF=0 mA, VL=±200 V
Output Capacitance
Pin 4 to 6
4.8
pF
IF=0 mA, VL=1.0 V
—36
IF=0 mA, VL=50 V
Switch Offset
0.15
V
IF=5.0 mA
Transfer
Input/Output Capacitance
CISO
0.8
pF
VISO=1.0 V
Turn-on Time
ton
0.12
0.25
ms
IF=5.0 mA, IL=50 mA
Turn-off Time
toff
0.3
0.25
ms
IF=5.0 mA, IL=50 mA


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LH1540AT 1 Form A Solid State Relay 1  2  3  4  5  Infineon Technologies AG
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
NUF8410MN Low Capacitance 8 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
NUF9002FC Low Capacitance 10 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUP45V6P5 Low Capacitance Quad Array for ESD Protection 1  2  3  4  ON Semiconductor
NUP1301ML3T1 Low Capacitance Diode Array for ESD Protection in a Single Data Line 1  2  3  4  ON Semiconductor
NUP4202W1 Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1  2  3  4  5  More ON Semiconductor
L7104GD T-1 3mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn