Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LH1541AT1 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce LH1541AT1
Description  1 Form A Solid State Relay(Low Capacitance)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1541AT1 Fiches technique(HTML) 1 Page - Vishay Siliconix

  LH1541AT1 Datasheet HTML 1Page - Vishay Siliconix LH1541AT1 Datasheet HTML 2Page - Vishay Siliconix LH1541AT1 Datasheet HTML 3Page - Vishay Siliconix LH1541AT1 Datasheet HTML 4Page - Vishay Siliconix LH1541AT1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 83834
www.vishay.com
Revision 17-August-01
3–159
FEATURES
• Low Capacitance Switch (5.0 pF)
• l/O Isolation, 5300 VRMS
• Extremely High OFF-resistance (100 T
Ω)
• Load Voltage 350 V
• Linear, AC/DC Operation
• Clean Bounce Free Switching
• Low Power Consumption
• High Reliability Monolithic Receptor
AGENCY APPROVALS
• UL – File No. E52744
• CSA – Certification 093751
• BSI/BABT Cert. No. 7980
• VDE 0884 Approval
• FIMKO Approval
APPLICATIONS
• Instrumentation
– Thermocouple Switching
– Analog Multiplexing
• Reed Relay Replacement
• Programmable Logic Controllers
• Data Acquisition
• Test Equipment
DESCRIPTION
These SSRs (LH1541, 1 Form A) are SPST normally
open switches which can replace electromechanical
relays in many applications. The relays provide a low-
capacitance, high-voltage switch contact with high off-
resistance and low switch-offset voltage. These charac-
teristics, combined with high-speed actuation, result in
an SSR which is ideal for small signal and dc instrumen-
tation applications.
The relays are constructed by using a GaAlAs LED for
actuation control and an integrated monolithic die for
the switch output. The die is comprised of a photodiode
array, switch-control circuity, and low-capacitance MOS-
FET switches.
LH1541AT1/AAB1/AAB1TR
1 Form A
Solid State Relay
(Low Capacitance)
Part Identification
Part Number
Description
LH1541AT1
6-pin DIP, Tubes
LH1541AAB1
6-pin SMD, Gullwing, Tubes
LH1541AAB1TR
6-pin SMD, Gullwing, Tape and Reel
.014 (.35)
.010 (.25)
.150 (3.81)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.020 (.051) Min.
.300 (7.62)
Typ.
.035 (0.90)
.031 (0.80)
.100 (2.54) Typ.
.039
(1.00)
Min.
.022 (0.55)
.018 (0.45)
.256 (6.50)
.248 (6.30)
.343 (8.70)
.335 (8.50)
Pin One ID.
6
5
4
1
2
3
18
° Typ.
.347 (8.82)
.300 (7.62)
4
° Typ.
.343 (8.71)
.335 (8.51)
.256 (6.50)
.248 (6.30)
Pin one I.D.
.039
(0.99)
min.
.150 (3.81)
.130 (3.30)
.100 (2.54)
.052 (1.33)
.048 (1.22)
4
°
.040 (1.016)
.020 (0.508)
.0098 (.25)
.0040 (.10)
.012 (0.31)
.008 (0.20)
.300 (7.62)
.395 (10.03)
.375 (9.63)
3
° to 7°
18
°
min.
.315 (8.00)
typ.
.050 (1.27) typ.
4
65
12
3
S'
S
DC
SS'
Package Dimensions in Inches (mm)
DIP
SMD


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LH1540AT 1 Form A Solid State Relay 1  2  3  4  5  Infineon Technologies AG
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
NUF8410MN Low Capacitance 8 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
NUF9002FC Low Capacitance 10 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUP45V6P5 Low Capacitance Quad Array for ESD Protection 1  2  3  4  ON Semiconductor
NUP1301ML3T1 Low Capacitance Diode Array for ESD Protection in a Single Data Line 1  2  3  4  ON Semiconductor
NUP4202W1 Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1  2  3  4  5  More ON Semiconductor
L7104GD T-1 3mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn