Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N2576G-5 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce N2576G-5
Description  52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

N2576G-5 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  N2576G-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers N2576G-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
52 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2576G-5
TO-220, TO263
Lead-Free
MAY-21-2004
NIKO-SEM
TO-220 (5-Lead) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
9.78
10.16
10.54
H
1.57
1.7
1.83
B
2.61
2.74
2.87
I
6.81
C
J
4.4
4.6
4.8
D
28.5
28.9
29.3
K
1.14
1.27
1.4
E
14.6
15.0
15.4
L
2.3
2.6
2.9
F
8.4
8.8
9.2
M
0.26
0.46
0.66
G
0.73
0.83
0.93
N
7
°


Numéro de pièce similaire - N2576G-5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
N2576G-3.3 ETC1-N2576G-3.3 Datasheet
46Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
More results

Description similaire - N2576G-5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
N2576 ETC2-N2576 Datasheet
56Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G ETC1-N2576G Datasheet
127Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G-3.3 ETC1-N2576G-3.3 Datasheet
46Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G ETC2-N2596G Datasheet
57Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com