Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1054L Fiches technique(PDF) 11 Page - Linear Technology

No de pièce LT1054L
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1054L Fiches technique(HTML) 11 Page - Linear Technology

Back Button LT1054L Datasheet HTML 7Page - Linear Technology LT1054L Datasheet HTML 8Page - Linear Technology LT1054L Datasheet HTML 9Page - Linear Technology LT1054L Datasheet HTML 10Page - Linear Technology LT1054L Datasheet HTML 11Page - Linear Technology LT1054L Datasheet HTML 12Page - Linear Technology LT1054L Datasheet HTML 13Page - Linear Technology LT1054L Datasheet HTML 14Page - Linear Technology LT1054L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1054/LT1054L
1054lfe
TYPICAL APPLICATIONS N
5V to
±12V Converter
Bipolar Supply Doubler
20k
1N914
1N914
VIN = 5V
TO PIN 4
LT1054 #1
VOUT ≈ –12V
IOUT = 25mA
VOUT ≈ 12V
IOUT = 25mA
LT1054 • TAO8
1k
2N2219
10
µF
100
µF
10
µF
10
µF
100
µF
5
µF
100
µF
5
µF
+
+
+
+
+
LT1054 #2
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
LT1054 #1
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
VIN
3.5V TO 15V
–VOUT
LT1054 • TAO7
+VOUT
+
= 1N4001
VIN = 3.5V TO 15V
+VOUT ≈ 2VIN – (VL + 2VDIODE)
–VOUT ≈ –2VIN + (VL + 2VDIODE)
VL = LT1054 VOLTAGE LOSS
100
µF
10
µF
10
µF
10
µF
100
µF
100
µF
+
+
+
+
+
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
1
µF
5V
1
2
3
8
200k
3k
100
µF
TANTALUM
LT1054 • TAO9
0.022
µF
2N2222
A = 125 FOR 0V TO 3V OUT FROM FULL-SCALE
BRIDGE OUTPUT OF 24mV
100k
100k
10k
ZERO
TRIM
5k
GAIN
TRIM
10k
10k
5V
40
301k
1M
A1
1/2 LT1013
5k
6
5
4
7
10k
2N2907
INPUT TTL
OR CMOS
LOW FOR ON
350
A2
1/2 LT1013
10
µF
+
+
10
µF
+
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
Strain Gauge Bridge Signal Conditioner


Numéro de pièce similaire - LT1054L

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1054L LINER-LT1054L Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LT1054L LINER-LT1054L Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
Analog Devices
LT1054L AD-LT1054L Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results

Description similaire - LT1054L

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com