Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LH1540AT Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce LH1540AT
Description  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1540AT Fiches technique(HTML) 5 Page - Infineon Technologies AG

  LH1540AT Datasheet HTML 1Page - Infineon Technologies AG LH1540AT Datasheet HTML 2Page - Infineon Technologies AG LH1540AT Datasheet HTML 3Page - Infineon Technologies AG LH1540AT Datasheet HTML 4Page - Infineon Technologies AG LH1540AT Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
LH1540AT/AAB/AABTR
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–158
March 23, 2001-12
Figure 13. Switch Offset Voltage vs. Temperature
Figure 14. Switch Offset Voltage vs. LED Current
Figure 15. Turn-on Time vs. Temperature
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE (
°C)
3.5
0
3.0
1.5
2.0
2.5
0.5
1.0
IF=5.0 mA
LED FORWARD CURRENT (mA)
0.6
0
0.5
0.2
0.3
0.4
0.1
0
5
10
15
20
25
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
60
50
–20
–30
–10
0
10
20
30
40
–40
IF=5.0 mA
IL=50 mA
Figure 16. Turn-off Time vs. Temperature
Figure 17. Turn-on Time vs. LED Current
Figure 18. Turn-off Time vs. LED Current
120
40
–40
100
80
60
20
–20
–60
0
–80
160
140
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
IL=50 mA
IF=5.0 mA
LED FORWARD CURRENT (mA)
10
8
6
0
2
0
10
20
30
40
50
4
IL=50 mA
–40
°C
–40
°C
25
°C
25
°C
85
°C
85
°C
0
10
20
30
40
50
LED FORWARD CURRENT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IL=50 mA
–40
°C
25
°C
85
°C


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
IS216D Small Outline Photo DMOS-FET Relay with very high load current capabilities 5A 1  2  3  ISOCOM COMPONENTS
AR-B2103 Relay Card 1  List of Unclassifed Manufacturers
JM1AN COMPACT POWER RELAY FOR INDUCTIVE LOAD 1  2  3  4  Nais(Matsushita Electric Works)
MR62 DPDT Signal Relay 1  2  List of Unclassifed Manufacturers
MSA-RM-1 Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1  List of Unclassifed Manufacturers
TLP197A TOSHIBA PHOTOCOUPLER PHOTO RELAY 1  2  3  4  5  More Toshiba Semiconductor
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
LH1540 HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn