Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LH1540AT Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce LH1540AT
Description  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LH1540AT Fiches technique(HTML) 3 Page - Infineon Technologies AG

  LH1540AT Datasheet HTML 1Page - Infineon Technologies AG LH1540AT Datasheet HTML 2Page - Infineon Technologies AG LH1540AT Datasheet HTML 3Page - Infineon Technologies AG LH1540AT Datasheet HTML 4Page - Infineon Technologies AG LH1540AT Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
LH1540AT/AAB/AABTR
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
3–156
March 23, 2001-12
Typical Performance Characteristics
Figure 1. LED Voltage vs. Temperature
Figure 2. LED Dropout Voltage vs. Temperature
Figure 3. LED Current for Switch Turn-on vs. Temperature
AMBIENT TEMPERATURE (
°C)
1.6
1.5
1.4
1.0
1.3
1.2
1.1
–40
–20
0
20
40
60
80
IF=50 mA
IF=20 mA
IF=5.0 mA
IF=10 mA
IF=1.0 mA
IF=2.0 mA
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
1.20
1.15
1.10
0.95
1.00
1.05
MIN.
TYP.
IL=100 mA
AMBIENT TEMPERATURE (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL=100 mA
Figure 4. Current Limit vs. Temperature
Figure 5. ON-Resistance vs. Temperature
Figure 6. Variation in ON-Resistance vs. LED Current
40
10
30
20
0
–20
–10
–40
–30
t=5 ms
AMBIENT TEMPERATURE (
°C)
IF=5.0 mA
VL=SEE ELEC. CHAR.
–40
–20
0
20
40
60
80
50
10
30
20
40
–20
–30
–10
–40
0
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
IL=50 mA
0
4
8
12
16
20
1.5
0.5
–0.5
1.0
0
LED FORWARD CURRENT (mA)
IL=50 mA


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
IS216D Small Outline Photo DMOS-FET Relay with very high load current capabilities 5A 1  2  3  ISOCOM COMPONENTS
AR-B2103 Relay Card 1  List of Unclassifed Manufacturers
JM1AN COMPACT POWER RELAY FOR INDUCTIVE LOAD 1  2  3  4  Nais(Matsushita Electric Works)
MR62 DPDT Signal Relay 1  2  List of Unclassifed Manufacturers
MSA-RM-1 Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1  List of Unclassifed Manufacturers
TLP197A TOSHIBA PHOTOCOUPLER PHOTO RELAY 1  2  3  4  5  More Toshiba Semiconductor
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
LH1540 HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn