Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3685 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL3685
Description  2.4GHz RF/IF Converter and Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3685 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL3685 Datasheet HTML 1Page - Intersil Corporation ISL3685 Datasheet HTML 2Page - Intersil Corporation ISL3685 Datasheet HTML 3Page - Intersil Corporation ISL3685 Datasheet HTML 4Page - Intersil Corporation ISL3685 Datasheet HTML 5Page - Intersil Corporation ISL3685 Datasheet HTML 6Page - Intersil Corporation ISL3685 Datasheet HTML 7Page - Intersil Corporation ISL3685 Datasheet HTML 8Page - Intersil Corporation ISL3685 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Pinout
ISL3685
(MLF)
TOP VIEW
44
43
42
41 40 39
38
37
36
35 34
12 13
14 15
16 17
18
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
LNA_VCC1
GND
RX_IN
BIAS1_VCC1
TX_VCC1
GND
PE2
PE1
GND
TXA_OUT
H/L
33
32
31
30
29
28
27
26
25
24
23
RX_MX_OUT-
TX_MX_IN-
GND
RX_LO_DRIVER_VCC1
LO_VCC1
LO_IN-
LO_IN+
TX_LO_DRIVER_VCC1
TX_MX_VCC1
TX_MX_OUT
TX_MX_VCC1
Pin Description
PIN
NAME
DESCRIPTION
1
LNA_VCC1
Low Noise Amplifier Positive Power Supply.
3
RX_IN
Low Noise Amplifier RF Input, internally DC coupled and requires an external blocking capacitor. A shunt capacitor to
ground matches the input for return loss and optimum NF.
4
BIAS1_VCC1
Bias Positive Power Supply for the LNA and Preamplifier.
5
H/L
High or Low Gain Select, controls the LNA high and low gain modes.
6
PE2
This pin along with pin PE1 and bit M(0) of PLL_PE determine which of various operational modes will be active. Please
refer to the Power Enable Truth Table.
7
PE1
This pin along with pin PE2 and bit M(0) of PLL_PE determine which of various operational modes will be active. Please
refer to the Power Enable Truth Table.
8
TX_VCC1
Transmit Amplifier Positive Power Supply, requires a high quality decoupling capacitor and a short return path.
10
TXA_OUT
Transmit Amplifier Output, internally matched to 50
Ω, requires an external DC blocking capacitor.
12
TX_VCC1
Transmit Amplifier Positive Power Supply.
13
TXA_IN
Transmit Amplifier Input, internally AC coupled.
15
LE
Synthesizer Latch Enable, the serial interface is active when LE is low and the serial data is latched into defined
registers on the rising edge of LE.
16
DATA
Synthesizer Serial Data Input, clocked in on the rising edge of the serial clock, MSB first.
17
CLK
Synthesizer Clock, DATA is clocked in on the rising edge of the serial clock, MSB first.
18
REF_BY
Synthesizer Reference Frequency Input Bypass, internally DC coupled and requires an external bypass to ground
when REF_IN is used as a Single Ended input, requires an external AC coupling capacitor when used as a differential
input.
ISL3685


Numéro de pièce similaire - ISL3685

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR INTERSIL-ISL3680IR Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR-TK INTERSIL-ISL3680IR-TK Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
More results

Description similaire - ISL3685

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com